H1M113N-R
AI

The **H1M113N-R** is an N-Channel Enhancement Mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in power management and switching applications.
---
### ## Technical Specifications
Below are the primary electrical characteristics typical for this specific component:
| Parameter | Symbol | Value (Approx.) |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 30V |
| **Continuous Drain Current** | $I_D$ | 110A - 130A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~1.3mΩ @ $V_{GS}=10V$ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | Package | TO-220 or PDFN5x6 |
---
### ### Key Electronic Features
1. **Ultra-Low $R_{DS(on)}$:**
The extremely low resistance when the transistor is "ON" minimizes power dissipation as heat, making it highly efficient for high-current applications.
2. **High-Speed Switching:**
Designed with low gate charge ($Q_g$), allowing the device to turn on and off rapidly, which is essential for modern DC-DC converters.
3. **Trench Technology:**
Usually fabricated using advanced Trench technology to achieve high cell density, which improves current density and thermal performance.
4. **Logic Level Compatibility:**
It is often designed to be fully turned on by logic-level voltages (e.g., 4.5V to 10V), making it compatible with various microcontrollers and PWM controllers.
---
### ### Common Applications
* **Power Supplies:** Used in Synchronous Rectification for AC/DC and DC/DC converters.
* **Battery Protection:** Ideal for Battery Management Systems (BMS) in power tools or electric vehicles due to high current handling.
* **Motor Control:** Used in H-Bridge circuits for driving DC motors.
* **Load Switching:** Acts as a high-efficiency electronic switch for heavy loads in industrial environments.
---
### ### Typical Circuit Implementation
In a basic switching circuit, the H1M113N-R is connected as follows:
```cpp
// Schematic Logic
[Power Source (+)] ---> [Load] ---> [Drain (D)]
[Ground] <------------------------- [Source (S)]
[Control Signal] ----> [Gate (G)]
```
---
- ⤷
What is the maximum operating temperature for the H1M113N-R?
- ⤷ Can you provide a comparison between H1M113N-R and a standard IRF3205?
- ⤷ What are the recommended gate driver requirements for this MOSFET?