công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GTCX36-421M-R05

  • AI
    The **GTCX36-421M-R05** is a high-performance **Gas Discharge Tube (GDT)** manufactured by Littelfuse (formerly Tyco Electronics/Raychem). It is designed to protect sensitive electronic equipment from voltage transients caused by lightning or power surges. --- ### 1. Key Specifications The following table highlights the primary electrical and physical characteristics of this component: | Parameter | Value / Specification | | :--- | :--- | | **DC Spark-over Voltage** | 420V (±20%) | | **Impulse Spark-over Voltage** | < 850V (at 1kV/µs) | | **Discharge Current (Nominal)** | 5kA (8/20µs waveform) | | **Number of Electrodes** | 3-Electrode (Commonly used for Balanced Lines) | | **Termination Style** | Radial Leaded (Through-hole) | | **Diameter** | 6mm | | **Fail-Safe Mechanism** | No (Standard version) | --- ### 2. Functional Description A Gas Discharge Tube acts as a voltage-dependent switch. Under normal operating conditions, the gas inside the tube acts as an insulator, and the device remains in a high-impedance state. 1. **Triggering:** When the voltage across the terminals exceeds the **420V DC spark-over** threshold, the internal gas ionizes. 2. **Arc Phase:** The tube enters a low-impedance "arc mode," effectively shorting the surge to the ground and protecting downstream components. 3. **Reset:** Once the surge passes and the voltage drops below the "holdover voltage," the gas de-ionizes and the device returns to its non-conductive state. --- ### 3. Features and Advantages * **Three-Electrode Design:** Unlike 2-electrode versions, this part is ideal for protecting two signal lines (like a twisted pair) simultaneously. It ensures that both lines are clamped to the ground at the same time, preventing differential voltage spikes. * **Low Capacitance:** Because it uses gas rather than semiconductor material, it has extremely low capacitance (< 1.5pF). This makes it perfect for high-speed data transmission lines (ADSL, VDSL, Ethernet). * **High Insulation Resistance:** It offers > 10,000 MΩ resistance, ensuring it does not interfere with normal circuit operation. --- ### 4. Typical Applications * **Telecommunications:** Protection for MDF (Main Distribution Frame) modules and subscriber line cards. * **Industrial:** Surge protection for RS-485, CAN bus, and other data interfaces. * **Consumer Electronics:** Power supplies and modem protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-electrode and 3-electrode GDT in terms of circuit layout?
    • ⤷ How does the 'M' tolerance in the part number affect circuit safety?
    • ⤷ What are the recommended soldering profiles for radial leaded GDTs?