công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GST220A24-R7B

  • AI
    The **GST220A24-R7B** is a high-reliability, single-output industrial desktop power supply manufactured by **MEAN WELL**. It is part of the GST series, which is known for its high efficiency and compliance with global energy-saving standards. --- ### Technical Specifications Below are the primary electrical and physical characteristics of the GST220A24-R7B: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 24V DC | | **Output Current** | 9.21A | | **Rated Power** | 221W | | **Input Voltage Range** | 85 ~ 264VAC / 120 ~ 370VDC | | **Efficiency** | ~94.5% (Level VI) | | **Connector Type** | Power DIN 4-Pin with Lock (R7B) | | **Operating Temp** | -30°C to +70°C | | **Safety Standards** | UL62368-1, EN62368-1, IEC62368-1 | --- ### Key Electronic Components & Features #### 1. Active PFC (Power Factor Correction) The unit features built-in active PFC circuitry. This improves the power factor (typically >0.95), reducing harmonic distortion and ensuring the device utilizes the AC input power more efficiently. #### 2. Protection Circuitry The internal PCB is designed with several safety layers to prevent damage to the connected load: * **Short Circuit Protection:** Recovery is automatic after the fault is removed. * **Overload Protection:** Protection kicks in at 105% ~ 135% of rated output power. * **Over Voltage Protection:** Shuts down the output to prevent spiking. * **Over Temperature Protection:** Shuts down the unit if internal thermistors detect excessive heat. #### 3. Energy Efficiency (Level VI) This model complies with **EISA 2007/DoE, NRCan, AU/NZ MEPS, and EU ErP**. Its "No Load Power Consumption" is extremely low (<0.15W), meaning it draws minimal electricity when the device it is powering is turned off. #### 4. The "R7B" Connector The suffix **-R7B** refers specifically to the DC output plug: * It is a **4-Pin Power DIN** connector. * It features a **lockable mechanism** to prevent accidental disconnection, which is critical in industrial or medical environments. * **Pin Assignment:** Typically, Pins 1 & 2 are Output Positive (+V), and Pins 3 & 4 are Output Negative (-V). --- ### Application Usage Because of its high wattage (221W) and 24V output, this power supply is commonly used for: * Industrial automation equipment. * High-power telecommunication devices. * Large LED display systems. * 3D printers and CNC desktop machinery.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the R7B 4-pin connector?
    • ⤷ Does this power supply require active cooling (fans) or is it fanless?
    • ⤷ How does the GST series compare to the older GS series from Mean Well?