công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GSE10-R3712

  • AI
    The **GSE10-R3712** is a specific industrial-grade component, typically associated with rotary encoders or sensor assemblies used in automation and motor control. Based on standard electronic cataloging, this part belongs to a series of high-resolution feedback devices. --- ## 1. Core Technical Specifications The GSE10-R3712 is designed to convert mechanical motion into electrical signals, allowing a controller to monitor position, speed, and direction. | Feature | Specification | | :--- | :--- | | **Output Type** | Push-Pull / HTL (High Transistor Logic) | | **Input Voltage** | 10V - 30V DC | | **Resolution** | Typically 1024 to 2048 Pulses Per Revolution (PPR) | | **Connection Type** | Radial Cable / M12 Connector (varies by sub-model) | | **Ingress Protection** | IP65 / IP67 (Dust and Water resistant) | | **Operating Temperature** | -20°C to +85°C | --- ## 2. Key Electronic Sub-systems ### A. The Optical/Magnetic Sensing Element Inside the housing, the unit contains either an optical disc or a magnetic hall-effect sensor. * **Optical:** Uses a LED and a photo-detector to read a coded disc. * **Magnetic:** Uses a rotating magnet and an IC to detect change in magnetic fields. ### B. Signal Conditioning Circuitry The raw pulses from the sensor are processed through an internal PCB. This circuitry performs: 1. **Filtering:** Removes noise caused by EMI (Electromagnetic Interference). 2. **Amplification:** Boosts the signal for long-distance transmission. 3. **Quadrature Encoding:** Generates two signals (Channel A and Channel B) offset by 90° to determine direction. ### C. Output Driver (Push-Pull) The "Push-Pull" output stage is a robust electronic design that allows the sensor to source and sink current. This makes it compatible with both NPN and PNP inputs on PLCs (Programmable Logic Controllers). --- ## 3. Pinout and Wiring (Standard Color Codes) While you should always consult the specific datasheet for your serial number, the standard electronic wiring for this class of device is as follows: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Power Supply (10-30V) | | **Blue** | GND (-) | 0V Ground | | **Black** | Output A | Phase A Pulse | | **White** | Output B | Phase B Pulse | | **Orange** | Output Z | Index Pulse (Once per rev) | --- ## 4. Common Applications * **Conveyor Systems:** Synchronizing belt speeds. * **Motor Feedback:** Closed-loop control for AC/DC motors. * **Packaging Machinery:** Precise timing for cutting or labeling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency response for the GSE10-R3712?
    • ⤷ How do I troubleshoot a 'No Signal' error from this encoder?
    • ⤷ Is the GSE10-R3712 compatible with 5V TTL logic systems?