công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GSA-80-R

  • AI
    The **GSA-80-R** is an industrial-grade **Single-Turn Absolute Encoder** produced by GSA (often associated with brands like Goyo or specialized industrial automation suppliers). It is designed to convert mechanical rotation into a precise digital electrical signal. --- ## 1. Core Electronic Components & Architecture The GSA-80-R operates on optoelectronic principles. Below is a breakdown of its internal electronic parts: | Component | Function | | :--- | :--- | | **Infrared LED** | The light source that emits a steady beam through the code disc. | | **Optical Code Disc** | A high-precision glass or plastic disc with radial patterns (Gray Code) that represents position data. | | **Photo-Detector Array** | A sensor chip that converts the light patterns passing through the disc into electrical pulses. | | **Signal Processing ASIC** | An application-specific integrated circuit that filters noise and digitizes the analog sensor signals. | | **Communication Driver** | The output stage (usually RS485 or Parallel) that sends the data to a PLC or CNC controller. | --- ## 2. Technical Specifications | Parameter | Specification (Standard GSA-80-R) | | :--- | :--- | | **Supply Voltage** | DC 5V or 10V - 30V | | **Resolution** | Up to 13-bit (8192 positions per revolution) | | **Output Interface** | SSI (Synchronous Serial Interface) or Parallel | | **Current Consumption** | $\le$ 150 mA | | **Output Code** | Gray Code (standard for absolute encoders to prevent errors) | --- ## 3. Electronic Protection Features The GSA-80-R includes several electronic safety layers to ensure reliability in harsh environments: * **Reverse Polarity Protection:** Prevents damage if the power supply wires (VCC and GND) are accidentally swapped. * **Short-Circuit Protection:** Protects the output drivers if the signal wires touch a ground or power source. * **EMC Shielding:** The internal circuitry is housed in a metal casing to block Electromagnetic Interference (EMI) from nearby motors or high-voltage cables. --- ## 4. Wiring Diagram (General Representation) Typical wiring for the GSA-80-R series involves a multi-core shielded cable: ```text Pin/Wire Color | Function | Description ---------------|---------------|----------------------- Red | Vcc | Power Supply (+) Black | GND | Ground (0V) Green | Data + | SSI Data Signal Yellow | Data - | SSI Data Inverted Blue | Clock + | SSI Clock Input White | Clock - | SSI Clock Inverted Shield | PE | Earth/Shielding ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the GSA-80-R and an incremental encoder?
    • ⤷ How do I troubleshoot a 'Signal Loss' error on this encoder?
    • ⤷ Can the resolution of the GSA-80-R be programmed after installation?