công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GSA-6-R

  • AI
    The **GSA-6-R** refers to a specific type of **Rotary Step Switch** or **Uniselector**, commonly associated with legacy telecommunication systems and industrial automation control. It is an electromechanical device designed to route electrical signals through various paths based on pulse inputs. --- ### 1. Key Electronic Components The GSA-6-R consists of several integrated mechanical and electronic parts that work in unison: | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid / Coil** | An electromagnetic actuator. | Converts electrical pulses into mechanical motion to advance the switch. | | **Wiper Assembly** | A set of conductive brushes (wipers). | Rotates to make physical contact with specific terminals in the bank. | | **Contact Bank** | A semi-circular array of fixed terminals. | Acts as the "output" ports that the signal is routed to. | | **Ratchet & Pawl** | The mechanical indexing mechanism. | Ensures the wiper moves exactly one step per electrical pulse without back-sliding. | | **Interrupter Springs** | Specialized switch contacts. | Often used to allow the switch to "self-step" or reset to a home position automatically. | --- ### 2. Technical Specifications (General) While specific tolerances can vary by manufacturer, the GSA series typically follows these parameters: * **Operating Voltage:** Commonly available in **24V DC** or **48V DC** variants. * **Step Capacity:** Usually features a **6-level** bank (the "6" in the part number) or a specific number of positions (often 25 or 50). * **Switching Capacity:** Designed for low-current signal switching (typically < 1A). * **Contact Material:** Often gold or silver-plated to ensure low contact resistance and prevent oxidation. --- ### 3. How the GSA-6-R Functions The operation follows a specific logic sequence: 1. **Pulse Reception:** A DC pulse is sent to the solenoid coil. 2. **Magnetic Induction:** The coil creates a magnetic field, pulling an armature toward it. 3. **Indexing:** The armature pushes a pawl into the ratchet wheel, rotating the wiper assembly by one position (e.g., from Position 1 to Position 2). 4. **Signal Routing:** The wipers bridge the "Common" input to the specific "Output" terminal on the bank. 5. **Return:** Once the pulse ends, a spring returns the armature to its resting position, ready for the next pulse. --- ### 4. Typical Applications * **Vintage Telephony:** Used in Strowger-type telephone exchanges for routing calls. * **Industrial Sequencing:** Managing step-by-step processes in older factory machinery. * **Pinball & Gaming:** Used in mid-century electromechanical games to track scores or game states. * **Testing Equipment:** Automating the selection of different test points in a circuit.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the GSA-6-R contact bank?
    • ⤷ How do you wire a self-homing circuit for this rotary switch?
    • ⤷ What are the common failure modes for the solenoid coil in these units?