công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GS3JB

  • AI
    The **GS3JB** is a Surface Mount (SMD) General Purpose Rectifier diode. It is widely used in power management circuits to convert Alternating Current (AC) to Direct Current (DC). --- ### 1. Key Technical Specifications The GS3JB belongs to the "GS3" series, where the suffix "B" typically denotes the package size and voltage rating. | Parameter | Value | | :--- | :--- | | **Part Number** | GS3JB | | **Device Type** | General Purpose Rectifier | | **Package Type** | SMB (DO-214AA) | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 600 V | | **Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 100 Amperes | | **Maximum Forward Voltage ($V_F$)** | 1.1 V @ 3.0A | | **Operating Junction Temperature** | -55 to +150 °C | --- ### 2. Physical Characteristics & Pinout The GS3JB is housed in an **SMB (DO-214AA)** package, which is designed for automated surface mount assembly. * **Cathode:** Indicated by a color band on the body. * **Anode:** The opposite terminal without the band. * **Case Material:** Molded plastic, UL Flammability Classification 94V-0. * **Terminals:** Solderable per MIL-STD-750. --- ### 3. Applications Due to its 3A current rating and 600V tolerance, the GS3JB is commonly found in: * **AC-DC Adapters:** Rectifying mains voltage into DC. * **Power Supplies:** Used in bridge rectifiers for SMPS (Switching Mode Power Supplies). * **Freewheeling Diode:** Protecting circuits from inductive spikes in relay or motor drivers. * **Reverse Polarity Protection:** Preventing damage if a battery or DC source is connected backwards. --- ### 4. Code Representation (Schematic/PCB) In an EDA tool like Altium or KiCad, the part would be represented as follows: ```yaml Component: Diode_GS3JB Footprint: DO-214AA_SMB Library_Ref: Rectifier_Diode Pins: - 1: Cathode (K) - 2: Anode (A) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between GS3JB and GS3MB?
    • ⤷ Can GS3JB be used in high-frequency switching applications?
    • ⤷ What are the thermal considerations when running GS3JB at its full 3A capacity?