GS160A24-R7B
AI

## GS160A24-R7B: Electronic Overview
The **GS160A24-R7B** is a high-reliability, 160-watt AC-to-DC desktop power supply manufactured by **MEAN WELL**. It is part of the GS160 series, designed primarily for industrial and commercial applications requiring high efficiency and low no-load power consumption.
---
### Technical Specifications
The table below summarizes the core electronic characteristics of the GS160A24-R7B:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 24V DC |
| **Output Current** | 6.67A |
| **Rated Power** | 160W |
| **Input Voltage Range** | 85 ~ 264VAC (Universal) |
| **Efficiency (Typ.)** | 92.5% |
| **Output Connector** | Power DIN 4-Pin with Lock (R7B type) |
| **Operating Temperature** | -30°C to +70°C |
| **Idle Power Consumption** | < 0.15W |
---
### Key Electronic Features
1. **High Efficiency & Energy Saving:**
The unit is designed to meet Level VI energy efficiency standards. With an efficiency rating of up to 92.5%, it minimizes heat dissipation and reduces electricity costs.
2. **Active Power Factor Correction (PFC):**
The circuitry includes a built-in active PFC function (PF > 0.94), which improves the power quality and ensures compliance with harmonic current regulations (EN61000-3-2).
3. **Protection Circuitry:**
The device includes multiple layers of electronic protection to prevent damage to the connected load:
* **Short Circuit Protection:** Automatic recovery after fault removal.
* **Overload Protection:** Limits current output to safe levels.
* **Overvoltage Protection:** Shuts down the output if the voltage exceeds safety thresholds (typically 25.2V ~ 32.4V).
* **Overtemperature Protection:** Shuts down the unit if internal components overheat.
4. **The R7B Connector:**
The "R7B" suffix refers specifically to the DC output plug. It utilizes a **4-pin Power DIN** connector with a locking mechanism to prevent accidental disconnection, which is crucial for industrial hardware.
---
### Pin Assignment (Power DIN 4-Pin)
The wiring configuration for the R7B connector is standardized for this series:
```text
PIN 1, 2: +V (24V DC)
PIN 3, 4: -V (Ground)
Shell: Connected to Chassis Ground
```
---
### Common Applications
* Industrial automation equipment.
* Telecommunication devices.
* Large-format printers and POS systems.
* Security and surveillance monitoring hardware.
- ⤷
What are the differences between the R7B and the standard P1J connector?
- ⤷ Is this power supply suitable for medical-grade applications?
- ⤷ How does the derating curve affect performance at 70°C?