GS160A20-R7B
AI

The **GS160A20-R7B** is a high-efficiency, industrial-grade AC-to-DC desktop power supply manufactured by **MEAN WELL**. It is part of the GS160 series, known for its reliability and compliance with global energy efficiency standards.
### Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 20V DC |
| **Output Current** | 8.0A |
| **Rated Power** | 160W |
| **Input Voltage Range** | 85 ~ 264VAC (Universal Input) |
| **Efficiency** | Up to 92.5% |
| **Connector Type** | Power DIN 4-Pin with Lock (R7B) |
| **Energy Level** | Level VI (DOE) / ErP Step 2 |
---
### Key Electronic Components & Features
#### 1. Input Protection and Filtering
* **Active PFC (Power Factor Correction):** The unit includes a built-in active PFC circuit. This improves energy efficiency and reduces harmonic current distortion, ensuring compliance with EN61000-3-2.
* **EMI Filtering:** Internal components suppress electromagnetic interference, allowing the device to meet Class B emission standards.
#### 2. Protection Circuits
The GS160A20-R7B is equipped with several "hiccup mode" or "shut down" protection mechanisms:
* **Short Circuit Protection (SCP):** Recovers automatically after the fault condition is removed.
* **Overload Protection (OLP):** Limits output current to prevent internal component damage.
* **Overvoltage Protection (OVP):** Shuts down the output if the voltage exceeds approximately 110%-140% of the rated voltage.
* **Overtemperature Protection (OTP):** Shuts down the unit if internal thermistors detect excessive heat.
#### 3. Output Configuration (R7B)
The "R7B" suffix refers specifically to the DC output connector:
* **Type:** 4-Pin Power DIN (Kycon KPPX-4P equivalent).
* **Pin Assignment:**
* Pins 1 & 2: Positive (+)
* Pins 3 & 4: Negative (-)
* **Housing:** The shell of the connector is typically tied to the ground for shielding and safety.
#### 4. Thermal Management
* **Fanless Design:** The unit uses convection cooling. High-grade electrolytic capacitors rated for high temperatures are used to ensure a long lifespan without the need for a mechanical fan.
---
### Applications
Due to its high power density and 20V output, this part is commonly used for:
* High-end laptops and docking stations.
* Industrial automation equipment.
* Telecommunication devices.
* 3D printers and CNC peripherals.
- ⤷
What is the pinout diagram for the R7B 4-pin connector?
- ⤷ Is this power supply compatible with medical-grade applications?
- ⤷ What are the primary differences between the GS160 and the GST160 series?