GS160A15-R7B
AI

The **GS160A15-R7B** is a high-reliability, industrial-grade AC-to-DC desktop power supply manufactured by **MEAN WELL**. It is part of the GS160 series, known for its energy efficiency and robust protection features.
### 1. Technical Specifications
The part number itself defines the primary electrical characteristics of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 90 ~ 264VAC (Universal Input) |
| **Output Voltage** | 15V DC |
| **Rated Current** | 9.6A |
| **Rated Power** | 144W |
| **Efficiency** | ~92.5% (Level VI compliant) |
| **DC Connector Type** | Power DIN 4-Pin (R7B) |
| **Operating Temperature** | -30°C to +70°C |
---
### 2. Key Internal Electronic Components & Features
The GS160A15-R7B utilizes a sophisticated internal circuit design to ensure stability and safety:
* **PFC Circuitry:** Includes active **Power Factor Correction (PFC)**, ensuring a PF > 0.94. This reduces harmonic distortion on the AC line.
* **Protection Circuits:**
* **Short Circuit Protection:** Auto-recovery once the fault is removed.
* **Overload Protection:** Limits output current to 105% ~ 150% of rated power.
* **Overvoltage Protection:** Clamps output to prevent damage to the connected load (typically 110%~140% of rated voltage).
* **Overtemperature Protection:** Shuts down the unit if internal thermistors detect excessive heat.
* **EMI Filtering:** Built-in EMI filter meeting EN55032 Class B standards, minimizing electromagnetic interference with other electronic devices.
* **LED Indicator:** A simple green LED on the chassis indicates the "Power On" status.
---
### 3. Connector Pinout (R7B Type)
The "R7B" suffix refers to the specific 4-pin Power DIN connector. Understanding the pinout is critical for electronic integration:
| Pin Number | Assignment |
| :--- | :--- |
| **Pin 1** | +V (Positive) |
| **Pin 2** | +V (Positive) |
| **Pin 3** | -V (Negative/Ground) |
| **Pin 4** | -V (Negative/Ground) |
| **Shell** | FG (Frame Ground) |
---
### 4. Typical Applications
Due to its high wattage and stable 15V output, this part is commonly used for:
* Commercial telecommunications equipment.
* Industrial automation controllers.
* High-end POS (Point of Sale) systems.
* Medical devices (where non-patient contact is required).
- ⤷
What is the difference between the R7B and other connector options for the GS160 series?
- ⤷ Can this power supply be used in countries with 110V power grids without a manual switch?
- ⤷ What is the specific MTBF (Mean Time Between Failures) for this model?