GS12A15-R7B
AI

The **GS12A15-R7B** is a specific AC/DC desktop power adapter manufactured by **MEAN WELL**. It belongs to the GS12 series, designed for industrial and consumer electronic applications requiring a reliable external power source.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of the GS12A15-R7B:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 15V DC |
| **Rated Current** | 0.8A |
| **Rated Power** | 12 Watts |
| **Input Voltage Range** | 90 ~ 264VAC (Universal) |
| **Input Frequency** | 47 ~ 63Hz |
| **Efficiency** | ~80% (Level V compliant) |
| **DC Plug Type** | Power DIN 4-Pin with lock (R7B configuration) |
---
## 2. Key Internal Electronic Features
### Protection Circuitry
The device incorporates three primary protection mechanisms to ensure the safety of the connected electronics:
1. **Short Circuit Protection:** Automatically recovers after the fault condition is removed.
2. **Overload Protection:** Protects against excessive current draw (usually 110%~150% of rated output power).
3. **Overvoltage Protection:** Clamps the output voltage to prevent damage to sensitive components if the internal regulation fails.
### Power Conversion Topology
* **Switching Mode Power Supply (SMPS):** Unlike heavy linear transformers, this uses high-frequency switching to convert power efficiently, resulting in a compact size and lightweight build.
* **Isolation:** Features 3000VAC isolation between the primary (AC input) and secondary (DC output) stages for user safety.
---
## 3. The "R7B" Connector Detail
The suffix **R7B** refers specifically to the DC output connector. This is a critical distinction from standard barrel jacks:
* **Physical Form:** It uses a **4-pin Power DIN** connector.
* **Locking Mechanism:** It features a snap-lock system to prevent accidental disconnection, making it suitable for medical or industrial equipment where power stability is vital.
* **Pin Assignment:** Typically, two pins are assigned to $V+$ and two pins to $V-$ to handle the current load and provide redundancy.
---
## 4. Compliance and Standards
* **Energy Efficiency:** Complies with ErP step 2 and EISA 2007/DoE Level V.
* **Safety Standards:** UL60950-1, TUV EN60950-1 approved.
* **EMC:** Meets EN55022 (CISPR22) Class B emissions.
- ⤷
What is the pinout diagram for the R7B 4-pin DIN connector?
- ⤷ Can this power supply be used for medical-grade applications?
- ⤷ What are the compatible alternatives if the GS12A15-R7B is out of stock?