công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GS120A12-R7B

  • AI
    ### Overview: Mean Well GS120A12-R7B The **GS120A12-R7B** is a high-quality, industrial-grade AC-to-DC desktop power adapter manufactured by **Mean Well**. It is part of the GS120 series, known for its energy efficiency and reliability. --- ### Technical Specifications The table below summarizes the core electrical and mechanical characteristics of the unit: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 12V DC | | **Output Current** | 10A | | **Rated Power** | 120W | | **Input Voltage Range** | 85 ~ 264 VAC (Universal Input) | | **Efficiency** | ~88% (Level VI compliant) | | **Connector Type** | **R7B**: 4-Pin Power DIN (with lock) | | **AC Inlet** | IEC320-C14 (3-prong) | | **Protection Features** | Short Circuit, Overload, Over Voltage, Over Temp | --- ### Key Electronic Components & Features #### 1. Power Conversion Architecture This unit uses a **Switching Mode Power Supply (SMPS)** topology. It utilizes Pulse Width Modulation (PWM) and an active Power Factor Correction (PFC) circuit to ensure stable voltage output while maintaining high efficiency and low harmonic distortion. #### 2. The "R7B" Connector Detail The "R7B" suffix is critical for electronic compatibility. Unlike standard barrel jacks, this unit uses a **4-Pin Power DIN** connector with a locking mechanism. * **Pins 1 & 2:** Positive (+) Output * **Pins 3 & 4:** Negative (-) Output * **Housing:** Shield/Ground #### 3. Protection Circuitry * **Overload Protection:** 105% ~ 135% rated output power (Hiccup mode, recovers automatically). * **Overvoltage Protection:** 110% ~ 140% of rated voltage. * **Thermal Protection:** Built-in sensor to shut down the unit if internal temperatures exceed safe limits. #### 4. Safety and EMC Standards The internal electronics are designed to meet global standards: * **Safety:** UL62368-1, TUV EN62368-1. * **EMI/EMC:** Complies with EN55032 Class B (Low electromagnetic interference). --- ### Application Usage Because of its high amperage (10A) and secure locking connector, this power supply is typically used for: * Industrial automation equipment. * Telecommunication devices. * Large LED display systems. * Commercial scanners and printers.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the R7B connector?
    • ⤷ Can this power supply be used with 220V international power grids?
    • ⤷ Is there a compatible alternative with a standard barrel jack instead of a 4-pin DIN?