GS-R51515S
AI

The **GS-R51515S** is a high-performance, multi-output **DC-DC Converter** module, typically manufactured by STMicroelectronics. It belongs to the GS-R family of step-down switching regulators, designed to provide multiple regulated voltages from a single input source.
---
### 1. Key Technical Specifications
The GS-R51515S is known for its "Triple Output" capability, making it ideal for powering systems that require both digital (5V) and dual analog (±15V) rails.
| Parameter | Value/Range |
| :--- | :--- |
| **Input Voltage Range** | 18V to 40V DC |
| **Output 1 (Vout1)** | +5.1V @ 3.5A |
| **Output 2 (Vout2)** | +15V @ 0.15A |
| **Output 3 (Vout3)** | -15V @ 0.15A |
| **Efficiency** | ~75% to 80% |
| **Isolation** | Non-Isolated |
| **Package Type** | SIP (Single In-line Package) or Module |
---
### 2. Main Electronic Components & Features
Inside the module, several critical electronic stages work together to manage power conversion:
* **Switching Regulator (Buck Topology):** The core of the +5.1V rail is a high-frequency buck converter. It uses a PWM (Pulse Width Modulation) controller to maintain high efficiency compared to linear regulators.
* **Integrated Inductors:** Unlike discrete ICs, this module includes the power inductors internally, which reduces EMI (Electromagnetic Interference) and saves PCB space.
* **Charge Pump / Auxiliary Windings:** To generate the symmetrical ±15V rails from a lower primary voltage, the module utilizes auxiliary transformer windings or charge pump circuitry.
* **Protection Circuits:**
* **Short Circuit Protection:** Automatically limits current if the output is shorted.
* **Thermal Shutdown:** Shuts the device down if internal temperatures exceed safe limits (typically around 150°C).
* **Soft Start:** Gradually increases the output voltage during power-up to prevent inrush current spikes.
---
### 3. Pin Configuration Overview
While specific pinouts should always be verified against the manufacturer's datasheet, the standard layout for this series includes:
1. **Vi:** Positive Input Voltage.
2. **GND:** Common Ground for Input and Output.
3. **Vout1 (+5.1V):** Primary high-current output.
4. **Vout2 (+15V):** Low-current positive analog rail.
5. **Vout3 (-15V):** Low-current negative analog rail.
6. **Reset/Inhibit (Optional):** Some versions include a pin to disable the module remotely.
---
### 4. Typical Applications
This part is specifically designed for industrial and telecommunications equipment where space is at a premium:
* **Operational Amplifiers:** The ±15V rails are perfect for powering precision op-amps.
* **Microcontrollers:** The +5.1V rail powers the MCU and digital logic.
* **Data Acquisition Systems:** Providing clean power for sensors and ADC/DAC converters.
- ⤷
What are the heat dissipation requirements for the GS-R51515S at full load?
- ⤷ Can this module be used with a 12V input source?
- ⤷ What is the ripple and noise specification for the 5V output?