công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GS-R405S

  • AI
    ## GS-R405S Overview The **GS-R405S** is a high-efficiency, step-down (buck) switching voltage regulator module. It was famously produced by SGS-Thomson (now STMicroelectronics) as part of their "GS" family of power modules. These are complete DC-DC converters integrated into a single package, designed to simplify power supply design. --- ### 1. Key Technical Specifications The GS-R405S is designed to provide a stable 5V output from a higher DC input voltage. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 7V to 40V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 4.0 Amperes (Max) | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Package Style** | Vertical SIP (Single In-line Package) | --- ### 2. Internal Electronic Components The "magic" of the GS-R405S is that it contains all the necessary components of a switching regulator inside its metal casing, reducing electromagnetic interference (EMI) and saving PCB space. * **Switching Controller:** A pulse-width modulation (PWM) IC that regulates the timing of the power delivery. * **Power MOSFET/Transistor:** Acts as the high-speed switch to chop the input DC voltage. * **Power Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle to maintain steady current. * **Schottky Diode:** Used for commutation (freewheeling) to provide a path for the inductor current when the switch is open. * **Filtering Capacitors:** High-quality capacitors are included to smooth out input and output ripples. --- ### 3. Pin Configuration The module typically features a simple pinout for easy integration: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **+Vi** | Input Voltage (7V - 40V) | | **2** | **Reset** | Output for system reset logic (optional) | | **3** | **+Vo** | Regulated 5V Output | | **4** | **GND** | Ground / Common Return | | **5** | **Inhibit** | Remote ON/OFF control (TTL compatible) | --- ### 4. Features & Protections The GS-R405S was popular in industrial applications because of its robustness: 1. **Short Circuit Protection:** It automatically shuts down or limits current if the output is shorted. 2. **Thermal Shutdown:** Protects the module from permanent damage if it overheats. 3. **Soft Start:** Gradually increases the voltage during power-up to prevent current spikes. 4. **Remote Inhibit:** Allows a microcontroller to turn the power supply on or off digitally. --- ### 5. Common Use Cases * **Industrial Automation:** Providing 5V logic power from 24V industrial rails. * **Telecommunications:** Converting 36V-40V lines down to TTL logic levels. * **Embedded Systems:** High-current power for bulky sensors or motor controllers.
    ✨ Follow-up Questions
    • ⤷What are the modern pin-compatible replacements for the GS-R405S?
    • ⤷ How do I calculate the heat dissipation requirements for this module?
    • ⤷ Can the GS-R405S be used to create a negative voltage rail?