GS-R24F0252.0
AI

The **GS-R24F0252.0** is a specific high-efficiency voltage regulator module, part of the GS-R series manufactured by STMicroelectronics. It is designed to provide a stabilized output voltage from a wider input range, primarily used in industrial and telecommunications applications.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the GS-R24F0252.0:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 40V DC |
| **Output Voltage** | 5.2V DC (Fixed) |
| **Output Current** | 2.5 Amps |
| **Efficiency** | Up to 85% |
| **Switching Frequency** | ~100 kHz |
| **Isolation** | Non-isolated |
| **Package Type** | SIP (Single In-line Package) or Module |
---
### 2. Internal Electronic Components
The module is a "Step-Down" (Buck) switching regulator. Internally, it integrates several discrete components into a single potted housing:
* **Switching Controller:** An integrated circuit (IC) that manages the Pulse Width Modulation (PWM) to regulate voltage.
* **Power MOSFET:** High-speed transistor used as the primary switch to handle the input current.
* **Power Inductor:** Used for energy storage during the switching cycle to smooth out the current.
* **Schottky Diode:** Acts as a freewheeling diode to provide a path for the current when the MOSFET is off.
* **Filter Capacitors:** Input and output capacitors to reduce electromagnetic interference (EMI) and voltage ripple.
---
### 3. Pin Configuration and Functions
The module typically features a simple pinout for easy PCB integration:
1. **+Vi (Input):** Unregulated positive DC input.
2. **GND (Ground):** Common return path for both input and output.
3. **+Vo (Output):** Regulated 5.2V DC output.
4. **Inhibit (Optional):** Some versions include a pin to remotely turn the module ON or OFF.
---
### 4. Features and Protection
* **Short Circuit Protection:** Automatically limits current or shuts down if the output is shorted.
* **Thermal Shutdown:** Protects the internal circuitry if the module exceeds its operating temperature.
* **Low Profile:** The compact design allows it to be used in space-constrained electronic racks.
* **No External Heat Sink:** In many standard operating conditions, the high efficiency eliminates the need for bulky external cooling.
- ⤷What are the specific cooling requirements for the GS-R24F0252.0 at max current?
- ⤷ Is there a pin-compatible alternative for this regulator?
- ⤷ How does the 5.2V output handle line noise compared to linear regulators?