công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GS-R24F0182.0

  • AI
    The **GS-R24F0182.0** belongs to the GS-R24F series of step-down switching regulators manufactured by STMicroelectronics. These are highly integrated DC-DC converters designed to provide a stable output voltage from a higher input voltage source. --- ### 1. Key Technical Specifications The "24F" in the series typically denotes the input voltage range and the specific architecture. Below are the primary technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 7V to 35V DC | | **Output Voltage** | 18.0V (Fixed) | | **Output Current** | 2.0A | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) or through-hole module | --- ### 2. Functional Components This part is a "System-in-Package" (SiP) or module, meaning it contains several internal electronic sub-components: * **Switching Controller:** A PWM (Pulse Width Modulation) circuit that manages the conversion efficiency. * **Power MOSFET:** The internal switch that handles the high-current path. * **Power Inductor:** Built into the module to store energy during the switching cycle. * **Protection Circuitry:** * **Thermal Shutdown:** Protects the part from overheating. * **Short-Circuit Protection:** Limits current if the output is grounded. * **Under-voltage Lockout:** Ensures the device only operates when the input voltage is sufficient. --- ### 3. Pin Configuration While the physical layout may vary slightly by revision, the standard GS-R series typically uses a 4-pin or 5-pin configuration: 1. **Vi (Input):** Positive DC supply voltage. 2. **GND (Ground):** Common return path for input and output. 3. **Vo (Output):** Regulated 18V output. 4. **Inhibit/Reset (Optional):** Used to remotely turn the regulator on or off. --- ### 4. Application Areas Because of its high efficiency and fixed output, the GS-R24F0182.0 is commonly used in: * **Industrial Automation:** Powering 18V logic circuits from 24V or 30V industrial rails. * **Telecommunications:** Base station power management. * **Distributed Power Systems:** Local regulation on large PCBs to reduce heat compared to linear regulators (like the 78xx series). --- ### 5. Implementation Notes * **Heat Sinking:** Although highly efficient, at a full 2A load, the device may require airflow or a small heatsink depending on the ambient temperature. * **Capacitors:** External electrolytic capacitors are usually required on both the input and output pins to reduce ripple and ensure stability.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitor values for the GS-R24F series?
    • ⤷ How does this module compare to a standard LM7818 linear regulator in terms of heat?
    • ⤷ Is there a variable version of this regulator available?