GS-R0.1512SM
AI

The **GS-R0.1512SM** is a specialized high-voltage DC-DC converter module, primarily manufactured by STMicroelectronics. It belongs to the GS-R series of step-up/step-down switching regulators designed for industrial applications.
---
## 1. Core Technical Specifications
The device is designed to take a standard input voltage and convert it into a higher, stable output voltage.
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 9V to 16V DC |
| **Output Voltage** | +12V DC |
| **Output Current** | 0.15A (150mA) |
| **Efficiency** | ~70% to 75% |
| **Isolation** | Non-isolated |
| **Package Type** | Surface Mount (SMD) |
---
## 2. Internal Electronic Architecture
The GS-R0.1512SM is more than just a chip; it is a **Complete Power Module**. Inside the metal or plastic casing, it contains:
### A. PWM Controller
A Pulse Width Modulation (PWM) circuit acts as the "brain," monitoring the output voltage and adjusting the switching frequency to maintain a steady 12V despite fluctuations in load or input.
### B. Power Inductor
Unlike integrated circuits (ICs) that require external components, this module has a pre-matched inductor built-in. This reduces Electromagnetic Interference (EMI) and saves PCB space.
### C. Switching MOSFETs
Internal high-speed transistors handle the rapid switching required to "pump" the voltage up or down to the target level.
---
## 3. Pin Configuration & Connectivity
| Pin Number | Function | Description |
| :---: | :--- | :--- |
| **1** | +Vi | Positive Input Voltage (9-16V) |
| **2** | Input GND | Ground reference for the input side |
| **3** | +Vo | Regulated Output Voltage (+12V) |
| **4** | Output GND | Ground reference for the output side |
---
## 4. Key Features and Usage
* **Short Circuit Protection:** The module includes internal thermal and current limiting to prevent damage during a fault.
* **Low Profile:** The "SM" designation indicates it is a Surface Mount device, making it ideal for automated assembly.
* **Applications:** Commonly used in telecommunications, industrial control systems, and battery-powered equipment where a stable 12V rail is required from a fluctuating 12V battery source.
---
- ⤷
What are the thermal management requirements for the GS-R0.1512SM?
- ⤷ Can this module be used for medical-grade isolation applications?
- ⤷ Are there modern pin-to-pin compatible replacements for this STMicroelectronics module?