công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GMC-7-R

  • AI
    The **GMC-7-R** is a specific model of a **Miniature Circuit Breaker (MCB)** or **Auxiliary Contact Block**, typically associated with industrial control systems and motor starters (often produced by brands like LG/LS Industrial Systems or similar global manufacturers). Below is a breakdown of its electronic and mechanical components, specifications, and functions. --- ### 1. Key Technical Specifications The "7" in the model name usually refers to the rated current capacity (7 Amperes). | Feature | Specification | | :--- | :--- | | **Component Type** | AC Magnetic Contactor / Mini Contactor | | **Rated Current ($I_e$)** | 7 Amperes (AC-3) | | **Pole Configuration** | 3-Pole (Power) + 1 Auxiliary Contact | | **Coil Voltage Options** | 24V, 110V, 220V, or 440V AC (model dependent) | | **Mounting** | 35mm DIN Rail or Screw Mount | | **Standard Compliance** | IEC 60947, UL 508 | --- ### 2. Electronic & Internal Components The GMC-7-R operates on electromagnetic principles. Here are the core parts: #### A. Electromagnetic Coil The heart of the device. When voltage is applied, it creates a magnetic field that pulls the internal armature down, closing the power contacts. * **Material:** High-purity copper winding. * **Function:** Converts electrical energy into mechanical movement. #### B. Contact System * **Power Contacts:** Three sets of contacts designed to handle high-current loads (like motors). They are usually silver-alloy coated to prevent welding and oxidation. * **Auxiliary Contacts:** A secondary set of lower-current contacts used for logic signaling (e.g., turning on an indicator light or sending a signal to a PLC). #### C. Arc Extinguishing Chamber Because opening a circuit under load creates a "spark" or arc, the GMC-7-R contains arc chutes. * **Function:** These plates split and cool the arc to prevent the device from melting and to ensure a clean circuit break. #### D. Return Spring * **Function:** Once power is removed from the coil, this mechanical spring pushes the contacts back to their "Normal" (open) position, ensuring the load is disconnected. --- ### 3. Connection Diagram Overview In a typical setup, the wiring is categorized into two circuits: 1. **Control Circuit (A1, A2):** These terminals power the internal coil. 2. **Power Circuit (1L1, 3L2, 5L3 to 2T1, 4T2, 6T3):** These terminals carry the heavy load to the motor or machinery. --- ### 4. Common Applications * **Motor Control:** Direct-On-Line (DOL) starting of small three-phase motors. * **Heating Elements:** Controlling resistive loads in industrial ovens. * **Lighting Systems:** Switching large banks of commercial lighting. * **Automation:** Acting as an interface between a low-power PLC and a high-power machine. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the GMC-7-R and the GMC-9-R models?
    • ⤷ How do I test if the electromagnetic coil in a GMC-7-R is burnt out?
    • ⤷ Can the GMC-7-R be used for DC load applications?