công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GMC-1.6-R

  • AI
    The **GMC-1.6-R** is a specific model of a **Miniature Circuit Breaker (MCB)** or a **Magnetic Contactor**, typically manufactured by brands like **LG/LS Industrial Systems**. It is designed to protect electrical circuits and control motors. --- ### Technical Specifications Below are the primary electronic and physical specifications for the GMC-1.6-R: | Feature | Specification | | :--- | :--- | | **Model** | GMC-1.6-R | | **Rated Current ($I_n$)** | 1.6 Amperes | | **Pole Configuration** | 3-Pole (Standard) | | **Control Voltage** | Variable (Commonly 110V/220V/440V AC) | | **Mounting Type** | DIN Rail or Screw Mount | | **Application** | Motor control, Short-circuit protection | --- ### Key Electronic Components The device consists of several critical parts that allow it to function as a switching and protective element: #### 1. Magnetic Coil (Actuator) * **Function:** The heart of the contactor. When energized by a control voltage, it creates a magnetic field that pulls the contacts closed. * **Electronic Property:** Operates on AC or DC depending on the specific coil rating (check the side label for voltage). #### 2. Stationary and Movable Contacts * **Material:** Usually made of silver alloy for high conductivity and resistance to "arcing" (sparks). * **Action:** When the coil is energized, the movable contacts bridge the stationary contacts to complete the circuit. #### 3. Arc Chute / Extinguisher * **Purpose:** When the circuit is broken under load, an electric arc is formed. The arc chute divides and cools this arc to prevent damage to the internal components. #### 4. Auxiliary Contacts * **Configuration:** Often features "Normally Open" (NO) or "Normally Closed" (NC) small-current contacts. * **Use Case:** These are used for signaling (e.g., turning on a status light) or interlocking logic in a control panel. --- ### Typical Wiring Diagram Concepts To use the GMC-1.6-R in a circuit, the following electrical terminals are utilized: 1. **L1, L2, L3:** Line inputs (Power source). 2. **T1, T2, T3:** Load outputs (To the motor or device). 3. **A1, A2:** Coil terminals (Where the control signal is applied). ```yaml Terminal Mapping: Power_In: [L1, L2, L3] Power_Out: [T1, T2, T3] Control: [A1 (Hot), A2 (Neutral)] ``` --- ### Safety and Maintenance * **Overload Protection:** Note that while this is a contactor, it is often paired with an **Overload Relay** if being used for motor protection, as the contactor itself does not always have thermal trip settings. * **Contact Wear:** Over time, the silver contacts may pit or char. They should be inspected if the device begins to hum or buzz loudly.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your GMC-1.6-R unit?
    • ⤷ Do you need a wiring diagram for a single-phase or three-phase application?
    • ⤷ Are you planning to pair this with a thermal overload relay?