công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GMA-600-R

  • AI
    The **GMA-600-R** is a high-performance, industrial-grade **optical incremental rotary encoder** manufactured by GSA (and often distributed in global automation markets). It is designed to convert mechanical rotational motion into electrical pulse signals for precision speed and position control. --- ### 1. Core Technical Specifications The electrical and mechanical characteristics of the GMA-600-R are summarized in the table below: | Feature | Specification Details | | :--- | :--- | | **Encoder Type** | Incremental Optical Encoder | | **Supply Voltage** | 5V DC or 8-30V DC (Model dependent) | | **Resolution** | 600 Pulses Per Revolution (PPR) | | **Output Phases** | A, B, and Z (Index pulse) | | **Output Type** | Push-Pull, Line Driver, or NPN Open Collector | | **Shaft Diameter** | Usually 6mm or 8mm (Solid Shaft) | | **Max Response Frequency** | 100 kHz - 300 kHz | | **Operating Temp** | -20°C to +85°C | --- ### 2. Electronic Component Breakdown The internal circuitry of the GMA-600-R consists of several critical electronic stages: #### A. The Optical Sensor Assembly * **LED Emitter:** A high-intensity infrared LED that projects light through a graduated disc. * **Photo-Detector Array:** A specialized ASIC (Application Specific Integrated Circuit) that receives the light pulses and converts them into low-level analog signals. #### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** This electronic stage converts the raw analog sine-waves from the photo-detectors into clean, square-wave digital pulses. * **Quadrature Logic:** The encoder generates two signals (Phase A and Phase B) offset by 90 electrical degrees. This allows the receiving controller (PLC or CNC) to determine the **direction** of rotation. #### C. Output Driver Stage The "R" suffix often denotes the output configuration or ruggedization. Most units utilize one of the following: * **Line Driver (RS422):** Uses differential signaling (A, /A, B, /B) to cancel out electromagnetic interference (EMI), allowing for long cable runs. * **Push-Pull (HTL):** Provides a high-voltage signal (matching the supply voltage) with high current sourcing/sinking capability. --- ### 3. Wiring Configuration Typical industrial wiring for this encoder follows standard color-coding, though you should always verify with the specific datasheet provided with the unit: | Wire Color | Signal Function | Description | | :--- | :--- | :--- | | **Brown/Red** | Vcc | Positive Power Supply | | **Blue/Black** | 0V / GND | Common Ground | | **White** | Phase A | Main Pulse Train | | **Green** | Phase B | 90° Shifted Pulse | | **Yellow** | Phase Z | Once-per-revolution Index | | **Shield** | FG | Frame Ground / Noise Protection | --- ### 4. Typical Applications Because of its 600 PPR resolution and industrial housing, the GMA-600-R is commonly found in: 1. **Conveyor Speed Control:** Synchronizing motor speeds in packaging lines. 2. **Length Measurement:** Attached to measuring wheels for cutting-to-length applications. 3. **Elevator Positioning:** Tracking the floor levels and door speeds.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Push-Pull and Line Driver output options for this encoder?
    • ⤷ How do I calculate the linear distance traveled if I attach a 200mm wheel to this 600 PPR encoder?
    • ⤷ Does the GMA-600-R require a specific type of shielded cable for distances over 10 meters?