GMA-100-R
AI

The **GMA-100-R** is a high-performance, high-resolution **rotary encoder** (typically a Geared Magnetic Absolute or Analog Encoder) used in industrial automation, robotics, and precision motion control.
Below is a detailed breakdown of its electronic components, specifications, and interface characteristics.
---
## 1. Core Technical Specifications
The electronic performance of the GMA-100-R is defined by its sensing method and output resolution.
| Feature | Specification |
| :--- | :--- |
| **Sensing Technology** | Magnetic / Optoelectronic (varies by sub-model) |
| **Resolution** | Up to 12-bit (4096 positions) or higher |
| **Input Voltage** | 5V DC or 8-30V DC (Wide range) |
| **Current Consumption** | < 50mA |
| **Output Type** | Analog (0-5V, 0-10V) or 4-20mA Current Loop |
| **Protection Class** | IP65/IP67 (Electronic sealing) |
---
## 2. Key Electronic Components
The internal circuitry consists of several critical stages to convert physical rotation into an electrical signal:
### A. The Sensor Element
* **Hall Effect Array:** Uses a magnetic disc to detect the angular position. This is contact-free, ensuring the electronics do not wear out mechanically.
* **Signal Processing Chip:** An internal ASIC (Application Specific Integrated Circuit) processes the raw magnetic data to eliminate noise and linearize the output.
### B. Output Interface Circuitry
The "R" in the model often signifies specific electrical characteristics, usually related to **Resistance** or **Analog Output**.
* **DAC (Digital to Analog Converter):** Converts the internal digital position into a smooth voltage or current curve.
* **Protection Diodes:** Includes reverse polarity protection and TVS (Transient Voltage Suppression) to prevent damage from power surges.
---
## 3. Wiring and Connection
The electronic interface usually follows a standard industrial color code for its leads:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | Vcc | Power Supply (+) |
| **Black** | GND | Ground (-) |
| **Green** | Out | Signal Output (Voltage/Current) |
| **Yellow/White** | NC/Shield | Earth Ground / Programming lead |
---
## 4. Operational Advantages
1. **Non-Contact Sensing:** Because it uses magnetic fields rather than physical brushes (like a potentiometer), the electronic lifespan is significantly longer.
2. **Absolute Positioning:** The electronics remember the position even after a power loss; no "homing" sequence is required upon restart.
3. **Low EMI Sensitivity:** The internal filtering electronics are designed to operate near high-voltage motors without signal degradation.
- ⤷
What is the difference between the 0-10V and 4-20mA output versions of this encoder?
- ⤷ How do I calibrate the zero point on a GMA-100-R?
- ⤷ Is the GMA-100-R compatible with standard PLC analog input modules?