AI

The **GM67X-CS-R** is a high-performance, integrated barcode scanner module designed for embedded systems. It is primarily used in kiosks, medical devices, and access control systems due to its compact form factor and ability to read both 1D and 2D codes.
---
### Core Electronic Specifications
The technical architecture of the GM67X-CS-R revolves around its CMOS imaging sensor and integrated processing unit.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | CMOS (Global Shutter or High-Speed Rolling) |
| **Operating Voltage** | DC 3.3V / 5V (Typically 3.3V) |
| **Current Consumption** | Operating: ~150mA | Standby: <10mA |
| **Communication Interface** | USB (HID/Virtual COM), TTL-232 |
| **Resolution** | 640 x 480 pixels |
| **Scanning Speed** | Up to 60 fps (frames per second) |
---
### Key Components & Connectivity
The electronic design of the module includes several critical subsystems:
#### 1. The Optical Engine
The module utilizes a specialized lens and an LED illumination system.
* **Aiming:** Usually features a visible red LED or laser aimer to help users position the barcode.
* **Illumination:** High-intensity white LEDs to allow scanning in complete darkness.
#### 2. Communication Pins (Interface)
The module typically connects via a **12-pin FPC (Flexible Printed Circuit) connector**. The pinout generally includes:
* **VCC/GND:** Power supply.
* **TX/RX:** For TTL-level serial communication.
* **D-/D+:** For USB data transmission.
* **BEEPER:** Output signal to drive an external buzzer for "good read" feedback.
* **nTrig:** Input pin to trigger a scan manually (low-level active).
#### 3. On-board Processing
The GM67X-CS-R contains an internal **DSP (Digital Signal Processor)** that handles the decoding algorithms locally. This means the host microcontroller (like an Arduino or ESP32) does not need to process raw image data; it simply receives the decoded string via Serial or USB.
---
### Supported Symbologies
The electronic firmware is programmed to recognize a wide variety of formats:
* **1D:** EAN-13, EAN-8, UPC-A, UPC-E, Code 128, Code 39, Codabar.
* **2D:** QR Code, Data Matrix, PDF417.
---
### Integration Example (TTL Serial)
To interface this with a microcontroller, you would typically use the following logic:
```cpp
// Example: Basic communication setup
#include
SoftwareSerial scanner(10, 11); // RX, TX pins
void setup() {
Serial.begin(9600);
scanner.begin(9600); // Default baud rate for GM67X
Serial.println("Scanner Ready...");
}
void loop() {
if (scanner.available()) {
String barcodeData = scanner.readString();
Serial.print("Scanned Data: ");
Serial.println(barcodeData);
}
}
```
- ⤷
What is the exact pinout for the 12-pin FPC connector on the GM67X?
- ⤷ How can I change the baud rate or scanning mode of this module?
- ⤷ Does the GM67X-CS-R support reading barcodes from smartphone screens?