công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GL646USB

  • AI
    The **GL646USB** is a legacy high-performance USB 2.0 to ATA/ATAPI bridge controller manufactured by Genesys Logic. It was designed primarily to interface internal storage devices (like IDE hard drives or CD/DVD drives) with a computer's USB port. --- ### 1. Key Technical Specifications The GL646USB acts as a translator between the USB protocol and the ATA (IDE) protocol. | Feature | Specification | | :--- | :--- | | **USB Support** | USB 2.0 High-Speed (480Mbps) & Full-Speed (12Mbps) | | **Interface** | ATA/ATAPI-6 compliant (IDE) | | **Transfer Modes** | PIO modes 0-4, Multiword DMA, and Ultra DMA 33/66/100 | | **Package Type** | 64-pin LQFP / 128-pin PQFP | | **Voltage** | 3.3V I/O with 1.8V Core (typically integrated regulator) | | **Clock Source** | 12MHz Crystal | --- ### 2. Core Functional Components The internal architecture of the chip consists of several critical electronic blocks: * **USB Transceiver (PHY):** Handles the physical connection to the USB cable, managing signal differential pairs (D+ and D-). * **MCU (Microcontroller Unit):** An embedded 8051-based or proprietary RISC core that manages the device's firmware and command processing. * **ATA Controller:** Manages the signaling for the 40-pin or 44-pin IDE interface, including address lines and data strobes. * **Endpoint Buffers:** High-speed RAM used to buffer data packets moving between the slow IDE interface and the fast USB bus to prevent data underruns. * **Voltage Regulator:** Often includes a built-in 3.3V to 1.8V regulator to reduce the need for external power components. --- ### 3. Application Circuit Components When integrating a GL646USB onto a PCB, the following peripheral electronic parts are typically required: 1. **Crystal Oscillator:** A 12.000 MHz crystal for the internal PLL (Phase Locked Loop) to generate the 480MHz USB clock. 2. **EEPROM (Optional):** A small 24C02 serial EEPROM to store custom Vendor IDs (VID) and Product IDs (PID). 3. **Decoupling Capacitors:** Small capacitors (0.1uF and 10uF) placed near power pins to filter high-frequency noise. 4. **Pull-up/Pull-down Resistors:** Specific resistors on the USB D+/D- lines and the Reset pin to ensure stable logic levels. --- ### 4. Common Use Cases * **External HDD Enclosures:** Converting old 3.5-inch or 2.5-inch IDE hard drives into portable USB drives. * **Optical Drive Adapters:** Connecting internal IDE CD-ROM or DVD-RW drives to laptops via USB. * **Industrial Bridging:** Interfacing legacy IDE-based flash modules (DOM) with modern USB-only industrial PCs.
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives to GL646USB for SATA drives?
    • ⤷ How do I troubleshoot a GL646USB device not recognized by Windows?
    • ⤷ Can the GL646USB support booting an operating system from an IDE drive?