công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GF2140G-S08-R

  • AI
    ## Overview of the GF2140G-S08-R The **GF2140G-S08-R** is a specific integrated circuit, typically categorized as a **Ground Fault Interrupter (GFI) Controller**. It is designed to detect leakage currents in power systems to prevent electrical shock or fire hazards. --- ### Technical Specifications and Features | Parameter | Description | | :--- | :--- | | **Function** | Ground Fault Interrupter (GFI) / Earth Leakage Detector | | **Package Type** | SOP-8 (Small Outline Package, 8 pins) | | **Operation Voltage** | Low power consumption, typically operates from the AC line via a rectifier | | **Sensitivity** | High sensitivity to differential currents (mA range) | | **Output Type** | SCR (Silicon Controlled Rectifier) Gate Trigger | | **Standard Compliance** | Designed to meet UL943 standards for safety | --- ### Core Internal Components The GF2140G-S08-R integrates several electronic sub-systems within its 8-pin architecture: 1. **Sense Amplifier:** Amplifies the tiny voltage signal generated by a Sensing Transformer (Toroid) when a current imbalance occurs. 2. **Latch Circuit:** Once a fault is detected, the internal logic latches the state to ensure the circuit remains tripped until reset. 3. **Voltage Regulator:** An internal shunt regulator that stabilizes the power supplied to the IC from the high-voltage AC source. 4. **Timer/Filter:** Prevents "nuisance tripping" by filtering out high-frequency noise or momentary surges that are not actual ground faults. --- ### Pin Configuration (Typical SOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **V+** | Positive Supply Voltage | | 2 | **In 1** | Input from Sense Transformer (Differential Input) | | 3 | **In 2** | Input from Sense Transformer (Differential Input) | | 4 | **GND** | Ground / Common | | 5 | **Gate** | Output signal to trigger the SCR/Relay | | 6 | **Ref** | Reference Voltage for internal comparators | | 7 | **Delay** | Capacitor connection to set the trip delay time | | 8 | **Vcc/Reg** | Regulated Voltage Output | --- ### Application Circuitry In a standard application, the GF2140G-S08-R is paired with the following external components: * **Current Transformer (CT):** Detects the difference between Live and Neutral currents. * **SCR:** Acts as the high-power switch to trip the mechanical solenoid. * **Solenoid/Relay:** Physically disconnects the power line. ```mermaid graph LR A[Power Line] --> B[Current Transformer] B --> C[GF2140G IC] C --> D[SCR Trigger] D --> E[Solenoid Trip] E --> F[Circuit Disconnect] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the GF2140G-S08-R?
    • ⤷ How does the SCR trigger mechanism work in a GFI circuit?
    • ⤷ What are the common causes of nuisance tripping in this IC?