công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GF200-0CW-024B

  • AI
    The **GF200-0CW-024B** is a high-performance cross-flow fan (also known as a tangential fan) commonly used in HVAC systems, electronic cooling, and air curtains. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. General Specifications This model is typically characterized by its long, cylindrical impeller and its DC brushless motor configuration. | Feature | Specification | | :--- | :--- | | **Model Number** | GF200-0CW-024B | | **Operating Voltage** | 24V DC | | **Type** | Cross-Flow / Tangential Fan | | **Bearing Type** | Dual Ball Bearing (typically) | | **Motor Type** | Brushless DC (BLDC) Motor | --- ### 2. Key Electronic Components #### A. Brushless DC (BLDC) Motor The heart of the unit is a BLDC motor. Unlike brushed motors, this uses electronic commutation, which reduces EMI (Electromagnetic Interference) and extends the lifespan of the device. #### B. Integrated Driver Circuitry The "B" suffix often denotes internal control logic. This PCB (Printed Circuit Board) hidden inside the motor housing includes: * **Hall Effect Sensors:** These detect the position of the rotor magnets to ensure the controller switches the coils at the correct time. * **PWM Control (Optional):** Many 24V models allow for Pulse Width Modulation to adjust fan speed dynamically. * **Protection Circuits:** Includes Reverse Polarity Protection and Locked Rotor Protection (prevents the motor from burning out if the blades are obstructed). #### C. Wiring Interface Standard configurations usually involve a 2-wire or 3-wire lead: * **Red:** Positive (+24V) * **Black:** Negative (GND) * **Yellow/Blue (If present):** Speed signal (Tachometer output) or PWM control input. --- ### 3. Mechanical & Structural Parts 1. **Impeller (Blades):** A multi-blade cylindrical rotor made of aluminum or high-grade plastic. Its design allows for a wide, uniform airflow. 2. **Housing (Casing):** Usually made of galvanized steel or aluminum to provide structural rigidity and heat dissipation. 3. **Bearings:** High-quality ball bearings allow the long shaft to rotate with minimal friction and noise. --- ### 4. Typical Applications * **Air Conditioning Units:** For uniform air distribution across coils. * **Data Centers:** Cooling of rack-mounted servers where space is narrow. * **Medical Equipment:** Silent and steady cooling for sensitive electronics. * **Industrial Heaters:** Moving air over heating elements. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (Cubic Feet per Minute) rating for this specific model?
    • ⤷ Does the GF200-0CW-024B support 0-10V analog speed control?
    • ⤷ What are the physical dimensions (length and diameter) of the impeller?