công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GD5F1GQ4REFJS

  • AI
    The **GD5F1GQ4REFJS** is a high-performance, 1Gbit (128MB) Serial Peripheral Interface (SPI) NAND Flash memory chip manufactured by **GigaDevice**. It is commonly used in embedded systems where high-density storage and fast data transfer are required with a low pin count. --- ## 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Storage Capacity** | 1Gbit (128 Megabytes) | | **Interface** | Standard, Dual, and Quad SPI | | **Operating Voltage** | 1.7V to 1.9V (Low Power) | | **Clock Frequency** | Up to 120MHz (Standard/Dual/Quad) | | **Page Size** | 2048 bytes + 128 bytes (spare area) | | **Block Size** | 64 Pages (128KB + 8KB spare) | | **Package Type** | WSON8 (8x6mm) | --- ## 2. Core Components and Architecture ### Memory Organization The chip is organized into blocks and pages. The 1Gbit density is split into: * **1024 Blocks**: The smallest unit for the "Erase" operation. * **64 Pages per Block**: The smallest unit for "Program" (Write) and "Read" operations. * **Spare Area**: Each page has an extra 128 bytes used for Error Correction Code (ECC) and metadata (bad block management). ### Internal ECC (Error Correction Code) Unlike raw NAND which requires the host CPU to calculate ECC, the **GD5F1GQ4REFJS** features **Internal ECC**. * It automatically detects and corrects 8-bit errors per 528 bytes. * This significantly reduces the processing overhead on the microcontroller or SoC. ### Quad SPI Interface While standard NAND uses 8 or 16 parallel pins, this chip uses a serial interface: * **CLK**: Serial Clock * **CS#**: Chip Select * **SI/SO (IO0, IO1)**: Data Input/Output * **WP# (IO2)**: Write Protect * **HOLD# (IO3)**: Pause communication without deselecting the device. --- ## 3. Pin Configuration (WSON8) | Pin No. | Symbol | Description | |:---:|:---|:---| | 1 | CS# | Chip Select - Activates the device | | 2 | SO / IO1 | Serial Data Output / Bidirectional IO | | 3 | WP# / IO2 | Write Protect / Bidirectional IO | | 4 | VSS | Ground | | 5 | SI / IO0 | Serial Data Input / Bidirectional IO | | 6 | SCLK | Serial Clock Input | | 7 | HOLD# / IO3 | Hold (Pause) / Bidirectional IO | | 8 | VCC | Power Supply (1.8V) | --- ## 4. Typical Applications * **IoT Devices**: Storing firmware and localized sensor data. * **Networking**: Routers and switches for OS image storage. * **Automotive**: Infotainment systems and dashboard displays. * **Industrial**: PLC data logging and ruggedized embedded controllers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SPI NAND and standard SPI NOR flash?
    • ⤷ How does the Internal ECC status register report errors to the host?
    • ⤷ What is the maximum throughput achievable using the Quad SPI mode on this chip?