GD-CSSRM2.14
AI

The **GD-CSSRM2.14** is a specialized electronic component, specifically a **Surface Acoustic Wave (SAW) Resonator**. These components are critical for frequency control and stabilization in high-frequency wireless communication systems.
---
### 1. General Specifications
The GD-CSSRM2.14 is designed to provide a precise reference frequency, typically in the **433.92 MHz** range (common for ISM band applications), though specific variants may exist.
| Feature | Description |
| :--- | :--- |
| **Component Type** | SAW Resonator (One-Port) |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Size** | Typically 3.0 x 3.0 mm or 3.8 x 3.8 mm |
| **Center Frequency** | 433.92 MHz (Standard) |
| **Insertion Loss** | Typical 1.0 - 1.5 dB |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Internal Electronic Parts
A SAW resonator like the GD-CSSRM2.14 does not contain traditional silicon transistors, but rather a micro-mechanical structure on a piezoelectric substrate:
1. **Piezoelectric Substrate:** Usually made of **Quartz** or **Lithium Tantalate**. It converts electrical energy into mechanical acoustic waves and back again.
2. **IDT (Interdigital Transducer):** A series of interleaved metal "fingers" (usually aluminum) deposited on the substrate. The spacing of these fingers determines the resonant frequency.
3. **Reflectors:** Metal strips placed on either side of the IDT to reflect acoustic waves back into the transducer, creating a standing wave (resonance).
4. **Ceramic Package:** A hermetically sealed housing that protects the delicate IDT structure from moisture and physical damage.
---
### 3. Equivalent Circuit Model
In electronic circuit simulation (like SPICE), the GD-CSSRM2.14 is represented by a **Butterworth-Van Dyke (BVD) model**:
```mermaid
graph LR
A[In] --- C0(Static Capacitance C0) --- B[Out]
A --- Lm(Motional Inductance Lm) --- Cm(Motional Capacitance Cm) --- Rm(Motional Resistance Rm) --- B
```
* **$C_0$:** Static capacitance between the electrodes.
* **$R_m, L_m, C_m$:** Represent the mechanical resonance properties of the SAW wave.
---
### 4. Typical Applications
This component is widely used in low-power wireless transmitters:
* **Remote Keyless Entry (RKE):** Automotive key fobs.
* **Smart Home:** Wireless doorbells and light switches.
* **Security:** Wireless alarm sensors and PIR detectors.
* **Industrial:** Short-range data transmission (SRD).
---
- ⤷
What are the advantages of using a SAW resonator over a traditional Crystal (XTAL)?
- ⤷ How do I match the impedance of the GD-CSSRM2.14 in a transmitter circuit?
- ⤷ What is the difference between a SAW Resonator and a SAW Filter?