GC160A48-R7B
AI

The **GC160A48-R7B** is a high-performance, industrial-grade AC/DC battery charger manufactured by **Mean Well**. It is specifically designed for 48V lead-acid or Li-ion battery systems, commonly used in electric scooters, wheelchairs, and telecommunication backup systems.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Vout)** | 54.4V DC |
| **Output Current (Iout)** | 2.9A |
| **Rated Power** | 160 Watts |
| **Input Voltage Range** | 90 ~ 264V AC (Universal) |
| **Efficiency** | 94% |
| **Connector Type** | Power DIN 4-Pin (R7B) |
| **Charging Stages** | 2-Stage (Constant Current / Constant Voltage) |
---
## 2. Core Electronic Components & Features
The GC160A48-R7B utilizes a sophisticated internal architecture to ensure safety and efficiency:
### A. Active PFC (Power Factor Correction)
Unlike standard power adapters, this unit includes an **Active PFC circuit**. This improves the power factor (PF > 0.94), reducing harmonic distortion and ensuring compliance with international energy regulations (EN61000-3-2).
### B. Two-Stage Charging Logic
The internal control IC manages a two-stage charging process:
1. **Constant Current (CC):** Provides a steady 2.9A to the battery when the charge level is low.
2. **Constant Voltage (CV):** Once the battery reaches a specific threshold, it switches to a fixed voltage (54.4V) to top off the battery safely.
### C. Protection Circuitry
The device incorporates several layers of electronic protection:
* **Short Circuit Protection:** Auto-recovery after the fault is removed.
* **Overload Protection:** Limits output current to prevent internal component damage.
* **Overvoltage Protection:** Shuts down the unit if the output voltage exceeds safe limits (59V–64V).
* **Overtemperature Protection:** Monitors the internal heatsink and throttles or shuts down if it exceeds safe operating temperatures.
### D. Visual Feedback (LED Indicator)
The unit uses a dual-color LED to communicate the internal state:
* **Red LED:** Charging in progress (CC mode).
* **Green LED:** Battery full or standby (CV mode).
---
## 3. Connector Pinout (R7B Type)
The "R7B" suffix refers to the specific **4-Pin Power DIN** connector. The pin configuration is typically as follows:
| Pin Number | Assignment |
| :--- | :--- |
| **1, 4** | +V (Positive Output) |
| **2, 3** | -V (Negative Output) |
| **Shell** | Ground / Shield |
---
- ⤷
What are the differences between the R7B and other connector versions like the AD1?
- ⤷ Can this charger be used for LifePO4 batteries instead of standard Lead-Acid?
- ⤷ How does the efficiency rating impact the heat dissipation of the GC160 series?