công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GC120A48-R7B

  • AI
    The **GC120A48-R7B** is a high-reliability, 120W AC/DC desktop-style battery charger manufactured by **Mean Well**. It is specifically designed for 48V Lead-Acid (Flooded, Gel, and AGM) batteries. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical characteristics of the unit: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Boost)** | 57.6V DC | | **Output Voltage (Float)** | 54.4V DC | | **Output Current** | 2.0A | | **Rated Power** | 115.2W | | **Input Voltage Range** | 85 ~ 264VAC | | **Efficiency** | 91% | | **Connector Type** | 4-pin Power DIN (R7B configuration) | --- ## 2. Electronic Components & Design Features The GC120 series utilizes several advanced electronic sub-systems to ensure battery longevity and safety: ### A. 2-Stage Charging Control The device operates on a dual-stage charging logic controlled by an internal IC: 1. **Stage 1 (Constant Current):** Provides maximum current (2.0A) until the battery reaches the boost voltage. 2. **Stage 2 (Constant Voltage):** Switches to a float voltage level to maintain the charge without overcharging, preventing electrolyte loss. ### B. Protection Circuitry The internal PCB is populated with components to handle common electrical faults: * **Short Circuit Protection:** Prevents damage if the output leads are crossed. * **Overload Protection:** Limits current to prevent overheating. * **Over Voltage Protection:** Shuts down the unit if the output exceeds safe limits (typically 59V-64V). * **Reverse Polarity Protection:** Integrated fuse/diode protection to prevent damage if the battery is connected backwards. ### C. Thermal Management * **Fanless Design:** The unit relies on **free air convection**. It uses high-efficiency MOSFETs and low-loss transformers to minimize heat dissipation, allowing it to operate silently. --- ## 3. Connector Pinout (R7B Type) The "R7B" suffix refers to the specific DC output plug. It is a 4-pin Power DIN connector. | Pin Number | Assignment | | :---: | :--- | | **1, 2** | +V (Positive Output) | | **3, 4** | -V (Negative Output) | --- ## 4. Visual Indicators The unit features a dual-color LED indicator to show the electronic status: * **Red LED:** Charging in progress (Constant Current/Boost). * **Green LED:** Fully charged or standby (Float).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R7B connector and the standard DC jack versions?
    • ⤷ Can this charger be used for Lithium-ion batteries instead of Lead-Acid?
    • ⤷ What is the recommended battery capacity range for a 2.0A charger?