G3B25AB-R-YC
AI

The **G3B25AB-R-YC** is a high-quality, subminiature push-button switch manufactured by **NKK Switches**. It is specifically designed for logic-level applications and is known for its durability and surface-mount compatibility.
---
## 1. Technical Specifications
Below are the primary electrical and physical parameters for the G3B25AB-R-YC:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Pushbutton |
| **Circuit** | DPDT (Double Pole Double Throw) |
| **Switch Function** | On-Mom (Momentary - springs back after press) |
| **Current Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) |
| **Termination Style** | Gull Wing (Surface Mount) |
| **Actuator Style** | Standard Round |
| **Operating Force** | 2.00N (204gf) |
| **Mechanical Life** | 50,000 Cycles |
---
## 2. Key Electronic Features
### Logic Level Switching
This part is specifically rated for **0.4VA maximum at 28V**. This means it is designed for low-power signal switching rather than power distribution. The contacts are typically gold-plated to ensure reliability in low-energy circuits where oxidation could otherwise prevent a clean signal.
### Process Sealed Construction
The "G3B" series features a fully sealed body.
- **Washable:** The switch is designed to withstand automated soldering and subsequent high-pressure washing to remove flux without compromising the internal contacts.
- **Heat Resistance:** The high-temperature resin housing allows it to endure infrared (IR) reflow soldering profiles.
### Contact Mechanism
It utilizes a **sliding twin crossbar (STC)** contact mechanism. This provides:
- Improved contact reliability.
- A "self-cleaning" action every time the switch is actuated.
- Highly stable logic-level output.
---
## 3. Physical Dimensions & Packaging
The suffix **-YC** and **-R** denote specific physical configurations:
* **-R:** Indicates "Tape and Reel" packaging, which is standard for high-volume automated SMT (Surface Mount Technology) assembly.
* **-YC:** Refers to the specific color or material of the cap/accessory (typically a standard black or colored cap depending on the specific catalog variation).
---
## 4. Typical Applications
Due to its small footprint and high reliability, this part is commonly found in:
* Handheld medical devices.
* Telecommunications equipment.
* Industrial control panels (as reset or mode selection switches).
* High-end consumer electronics.
- ⤷
What is the difference between DPDT and SPDT in the G3B series?
- ⤷ Can this switch be used to power a 120V AC circuit?
- ⤷ What are the recommended reflow soldering temperatures for this component?