công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FYA-R220101ZX-2

  • AI
    The **FYA-R220101ZX-2** is an electronic component primarily used in visual interfaces. Based on standard part numbering conventions for the "FYA" series (often associated with manufacturers like **Foryard Optoelectronics**), this part is a **Single Digit 7-Segment LED Display**. --- ## 1. Component Overview This component is designed to display numerical data (0-9) and some limited alphabetical characters. It is commonly used in industrial controllers, digital clocks, and instrument panels. | Feature | Specification (Typical) | | :--- | :--- | | **Display Type** | 7-Segment LED | | **Number of Digits** | Single Digit (1) | | **Digit Height** | Approximately 2.2 inches (Large Format) | | **Color** | Red (Standard for 'R' prefix) | | **Polarity** | Usually Common Anode or Common Cathode | | **Surface Color** | Black face with White segments | --- ## 2. Electronic Structure The display consists of 7 individual LEDs (segments) labeled **a** through **g**, plus an eighth LED for the decimal point (**DP**). ### Segment Layout ```text a --- f | | b -g- e | | c --- . DP d ``` ### Pin Configuration A 2.2-inch display typically requires a higher forward voltage ($V_f$) because each "segment" contains multiple LED chips connected in series to illuminate the larger area. * **Forward Voltage ($V_f$):** Typically 3.6V to 4.5V per segment (except DP, which is usually lower). * **Forward Current ($I_f$):** 20mA per segment for standard brightness. * **Connection Type:** * **Common Anode (CA):** All LED anodes are tied together to the positive rail. * **Common Cathode (CC):** All LED cathodes are tied together to the ground. --- ## 3. Key Electronic Characteristics 1. **High Visibility:** Due to the 2.2-inch height, it is designed for long-distance viewing. 2. **Multiplexing Compatibility:** Can be driven directly by a microcontroller (using transistors for current) or via a shift register like the **74HC595** or a dedicated driver like the **MAX7219**. 3. **Power Requirements:** Since this is a larger display, it cannot usually be powered directly from a standard 3.3V or 5V logic pin without current-limiting resistors and/or external transistors due to the higher $V_f$ and current draw. --- ## 4. Example Wiring Logic To turn on a segment, you must complete the circuit according to the polarity: ```python # Example logic for Common Cathode (CC) Display # To display the number '1', segments 'b' and 'c' must be HIGH (1) segments = { 'a': 0, 'b': 1, 'c': 1, 'd': 0, 'e': 0, 'f': 0, 'g': 0 } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the FYA-R220101ZX-2?
    • ⤷ Is this display Common Anode or Common Cathode?
    • ⤷ What value of resistor is recommended for a 12V supply with this LED?