FYA-R220101ZX
AI

The **FYA-R220101ZX** is a high-brightness, surface-mount (SMD) **7-Segment LED Display** module manufactured by **Foryard Optoelectronics**. It is designed for displaying numerical data in electronic devices.
---
### 1. General Specifications
This component is characterized by its physical dimensions and optical output. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Digit Count** | Single Digit |
| **Display Height** | 2.20 Inches (Large Format) |
| **Technology** | LED (Light Emitting Diode) |
| **Mounting Type** | Through-hole or SMD (Depending on specific series variant) |
| **Polarity** | Common Anode or Common Cathode (Must verify via suffix) |
---
### 2. Optical Characteristics
The "ZX" suffix usually denotes a specific color or brightness binning. Typical performance metrics for this series include:
* **Luminous Intensity:** High output for visibility in bright environments.
* **Peak Wavelength:** Varies by color (e.g., Red ~640nm, Green ~570nm).
* **Viewing Angle:** Wide viewing angle (approx. 120°–160°).
---
### 3. Electrical Maximum Ratings
To ensure the longevity of the part, the following electrical limits should be observed (at $T_a = 25^\circ C$):
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Forward Current ($I_F$)** | 20 - 30 | mA per segment |
| **Peak Forward Current** | 100 | mA |
| **Reverse Voltage ($V_R$)** | 5 | V |
| **Operating Temperature** | -40 to +85 | °C |
---
### 4. Circuit Diagram & Pinout
Because this is a 2.20-inch display, each segment typically contains **multiple LED chips in series** to ensure uniform illumination across the large physical area.
* **Voltage Drop:** Unlike small displays ($2V$), these large displays often require a higher forward voltage ($V_F$), typically between **6V and 9V per segment**, because of the series LED arrangement.
* **Driving Requirement:** You will likely need a transistor-based driver or a dedicated LED driver IC (like the MAX7219) if your microcontroller operates at 3.3V or 5V.
---
### 5. Common Applications
* Industrial clocks and timers.
* Queue management systems.
* Large-scale weighing scales.
* Scoreboards and outdoor displays.
- ⤷
Does your specific model use a Common Anode or Common Cathode configuration?
- ⤷ What is the intended supply voltage for your project circuit?
- ⤷ Do you need a wiring diagram for connecting this to an Arduino or ESP32?