công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FYA-R2010ZX-2

  • AI
    ## Electronic Specifications of the FYA-R2010ZX-2 The **FYA-R2010ZX-2** is a specific model of a **10-Segment LED Bargraph Display**. These components are widely used to display levels (such as audio volume, battery life, or signal strength) in a linear visual format. --- ### 1. Key Technical Specifications Based on standard datasets for the FYA series (where "Z" often denotes a specific color code, commonly Green or Yellow-Green), here are the typical electronic characteristics: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Number of Segments** | 10 | LEDs | | **Circuit Configuration** | Common Cathode / Individual Anodes | - | | **Forward Voltage ($V_f$)** | 2.0 - 2.4 (per segment) | Volts | | **Forward Current ($I_f$)** | 20 | mA | | **Peak Forward Current** | 100 (1/10 duty cycle) | mA | | **Power Dissipation** | 100 | mW per segment | | **Operating Temperature** | -40 to +85 | °C | --- ### 2. Physical & Pin Configuration The device is housed in a standard **20-pin Dual In-line Package (DIP)**. * **Pin Layout:** Usually, one side (Pins 1–10) corresponds to the Anodes of the 10 segments, while the opposite side (Pins 11–20) corresponds to the Cathodes. * **Segment Size:** Each LED rectangular bar is typically **2.0mm x 5.0mm**. * **Dimensions:** The overall package usually measures approximately **25.4mm x 10.1mm**. --- ### 3. Electronic Driving Methods To operate this part effectively, the following electronic principles apply: * **Current Limiting:** Since LEDs are current-driven devices, you **must** use a series resistor for each segment to prevent burnout. * *Formula:* $R = (V_{supply} - V_f) / I_f$ * **Driving ICs:** This part is frequently paired with ICs like the **LM3914** (Dot/Bar Display Driver), which handles the voltage comparison and current regulation automatically. * **Multiplexing:** If using a microcontroller (like Arduino or ESP32) with limited pins, you can use a **74HC595 Shift Register** to control all 10 segments using only 3 GPIO pins. --- ### 4. Part Number Breakdown (FYA Series) Understanding the nomenclature helps identify variations: * **FYA:** Manufacturer series code (Forvard/Foryard Optoelectronics). * **R2010:** Refers to the physical size and the 10-segment count. * **ZX:** Color and Material code (e.g., GaP/GaAlAs for different shades of Green/Red). * **-2:** Specific design revision or polarity indicator.
    ✨ Follow-up Questions
    • ⤷ What is the exact color of the 'ZX' variant in this model?
    • ⤷ Can this bargraph be driven directly from a 5V microcontroller pin?
    • ⤷ What is the recommended resistor value for 5V operation?