FX1-5W6-R
AI

The **FX1-5W6-R** is a high-performance, high-density rectangular connector component typically manufactured by **Hirose Electric (HRS)**. It belongs to the FX1 series, which is designed for board-to-board applications requiring robust connections and high pin counts.
---
### 1. General Specifications
The FX1-5W6-R is essentially a **receptacle** (female connector) used in high-speed, multi-signal environments.
| Feature | Specification |
| :--- | :--- |
| **Part Series** | FX1 (Board-to-Board) |
| **Contact Type** | Receptacle (Female) |
| **Pitch** | 1.27mm (0.050") |
| **Number of Positions** | Variable (typically dictated by the "5W6" configuration) |
| **Mounting Type** | Through-hole (Right Angle or Straight) |
| **Termination** | Solder |
---
### 2. Key Electronic Features
#### A. High-Density Pitch
With a **1.27mm pitch**, this component allows for a high concentration of signals within a small footprint on the PCB. This is critical for modern telecommunications and industrial computing equipment where space is at a premium.
#### B. Contact Reliability
The "FX" series is known for its **ribbon-style contacts**. Unlike pin-and-socket designs that can be fragile, ribbon contacts provide:
* Increased contact area.
* Resistance to twisting and bending during mating.
* Lower insertion forces.
#### C. Signal Integrity
The internal geometry of the FX1-5W6-R is optimized to handle high-speed data transmission with minimal crosstalk. It is often used in backplane or daughtercard arrangements where signal integrity is paramount.
---
### 3. Usage Context
This part is commonly found in the following electronic assemblies:
1. **Industrial Controllers:** Connecting CPU boards to I/O modules.
2. **Medical Equipment:** High-density imaging or monitoring data paths.
3. **Telecommunications:** Base station switching hardware.
---
### 4. Technical Drawing Reference (Conceptual)
```c
// Typical Pinout Mapping (Simplified)
Row A: [Signal 1] [Signal 2] [Signal 3] ... [Signal N]
Row B: [Ground ] [Signal 4] [Signal 5] ... [Ground ]
// Note: Grounding patterns are often interleaved for EMI reduction.
```
---
- ⤷
What are the mating height options for the FX1 series?
- ⤷ Does the FX1-5W6-R support hot-swapping applications?
- ⤷ What is the rated current and voltage for this specific Hirose connector?