công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVS-H5-R

  • AI
    The **FVS-H5-R** is an ultra-high-speed, high-resolution line scan camera sensor head, typically part of a machine vision system (often associated with Keyence's CV-X or XG series). It is designed for precision inspection in manufacturing environments. --- ### 1. Key Technical Specifications The electronics of the FVS-H5-R are centered around high-bandwidth data transmission and sensitive imaging hardware. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Monochrome CMOS Line Scan | | **Resolution** | 5000 Pixels (High Resolution) | | **Max Line Rate** | Up to 80 kHz (High Speed) | | **Interface** | Digital Proprietary Connector (LVDS/High-speed Serial) | | **Pixel Size** | 7.0 $\mu$m × 7.0 $\mu$m | | **Lens Mount** | C-Mount | --- ### 2. Core Electronic Components #### A. The CMOS Sensor Array Unlike standard area-scan cameras (which take rectangular pictures), the FVS-H5-R uses a **Line Scan CMOS**. * **Linear Architecture:** It captures a single line of 5,000 pixels at a time. * **Sensitivity:** The electronics are optimized for low-noise signal readout even at extremely high shutter speeds, necessary for moving conveyor belts. #### B. Signal Processing Circuitry The internal PCB (Printed Circuit Board) handles the conversion of light into data: * **ADC (Analog-to-Digital Converter):** Converts the analog voltage from the pixels into digital gray-scale values (usually 8-bit or 10-bit). * **Timing Generator:** Synchronizes the exposure with an external encoder signal (trigger) to ensure images aren't stretched or compressed as the object moves. #### C. Connectivity and Power The "R" in the model name often refers to specific cabling or orientation features (like right-angle or high-flex). * **Data Cable:** Uses a high-shielded cable to prevent EMI (Electromagnetic Interference) from factory motors. * **Power Supply:** Generally powered directly via the controller unit, reducing the need for an external DC power brick at the camera head. --- ### 3. Electronic Integration Requirements To function, the FVS-H5-R requires specific peripheral electronic integration: 1. **Image Controller:** Needs a high-speed processing unit (like the Keyence XG-8000 series) to handle the massive data throughput. 2. **Encoder Input:** An electronic rotary encoder is usually wired to the system to provide "pulses." The camera's electronics use these pulses to trigger a new line capture based on physical distance moved. 3. **Lighting Controller:** Often synchronized with the camera's electronic shutter to provide high-intensity strobe lighting. --- ### 4. Typical Wiring Logic ```yaml System Connection: [Encoder] ----> [Controller] <----> [FVS-H5-R Head] | [Light Source] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput of the FVS-H5-R sensor?
    • ⤷ Which specific Keyence controllers are compatible with this sensor head?
    • ⤷ How does the pixel size of 7.0 microns affect its low-light performance?