công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVS-AF-R/K

  • AI
    The **FVS-AF-R/K** series typically refers to electronic components found in **Fire Alarm Systems** or **HVAC control modules**, specifically associated with smoke detection and air sampling units (such as those manufactured by companies like *Hochiki* or similar specialized fire safety brands). --- ## 1. Core Electronic Functions The "FVS" series usually denotes a **Fire Visual Sensor** or an **Aspirating Fire Detection** interface. The electronic architecture is designed for high-sensitivity environmental monitoring. | Feature | Description | | :--- | :--- | | **Microprocessor Control** | Managed by an onboard MCU that processes analog signals from sensors and converts them to digital data. | | **Communication Protocol** | Uses a specific bus protocol (often SLC - Signaling Line Circuit) to communicate with the main Fire Alarm Control Panel (FACP). | | **Sensitivity Adjustment** | Features electronic potentiometers or software-defined levels to adjust smoke threshold levels. | | **Signal Filtering** | Includes digital signal processing (DSP) circuits to filter out dust and "nuisance" particles to prevent false alarms. | --- ## 2. Key Electronic Components The internal PCB (Printed Circuit Board) of the FVS-AF-R/K generally contains the following hardware: ### A. Power Management Circuitry * **Voltage Regulators:** Converts the 24V DC loop power down to 3.3V or 5V for the logic gates and sensors. * **Capacitors:** High-grade electrolytic and ceramic capacitors for power smoothing and EMI (Electromagnetic Interference) reduction. ### B. Sensing Interface * **Optical Chamber Interface:** If it is the "AF" (Aspirating) model, it contains circuitry to manage a high-intensity LED or Laser diode and a photodiode receiver. * **Amplifier (Op-Amp):** A low-noise operational amplifier to boost the tiny current generated by the photodiode when smoke is detected. ### C. Output & Connectivity * **Relay Outputs (R-Suffix):** The "R" in the model often indicates an integrated **Relay**. This is an electromechanical or solid-state switch used to trigger external devices (like fans or door closers). * **Addressing Switches:** DIP switches or rotary dials used to set the unique electronic address of the unit on the loop. --- ## 3. Technical Specifications (Typical) ```yaml Electrical_Specs: Operating_Voltage: 17 - 41 VDC Standby_Current: ~450μA (varies by loop load) Alarm_Current: ~2mA - 5mA (LED active) Relay_Contact: Form C (Normally Open/Normally Closed) Communication: Analog Addressable ``` --- ## 4. Maintenance and Diagnostics The electronics are equipped with **Diagnostic LEDs**: * **Green Blinking:** Normal polling (communicating with panel). * **Red Solid:** Alarm state triggered. * **Yellow/Amber:** Trouble/Fault (often indicating a contaminated sensor or electronic failure).
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for the FVS-AF-R relay contacts?
    • ⤷ How do you set the digital address for this specific module?
    • ⤷ What is the difference between the 'R' and 'K' designations in this model series?