công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVS-A1-R

  • AI
    The **FVS-A1-R** is an industrial-grade **Ultrasonic Flow Sensor** manufactured by **Keyence**. It is specifically designed to measure the flow rate of liquids (often high-viscosity or corrosive fluids like grease or chemicals) through piping systems using ultrasonic technology. Below is an overview of its electronic characteristics and technical specifications. --- ### 1. Core Operating Principles The FVS-A1-R operates using the **time-of-flight** ultrasonic principle. It features two ultrasonic transducers: * **Ultrasonic Transmission:** One transducer sends a pulse through the liquid, and the other receives it. * **Differential Measurement:** The sensor measures the time difference between pulses traveling with the flow and against the flow. * **Electronic Calculation:** The internal microprocessor calculates the velocity and volume based on this time delta, ensuring high accuracy even if the liquid's transparency or conductivity changes. ### 2. Electronic Specifications The following table highlights the key electrical and performance ratings for the FVS-A1-R: | Feature | Specification | | :--- | :--- | | **Power Supply Voltage** | 12 to 24 VDC (Ripple 10% or less) | | **Current Consumption** | 100 mA or less | | **Output Type** | NPN / PNP Open Collector (Selectable) | | **Analog Output** | 4 to 20 mA (Maximum load resistance: 350 Ω) | | **Response Time** | Selectable (0.5s, 1s, 2s, 5s, 10s, 20s) | | **Protection Circuit** | Reversed polarity protection, Overcurrent protection, Surge absorber | | **Connection Type** | M12 Connector (4-pin) | --- ### 3. Key Electronic Components & Features * **Dual-Line Display:** The unit typically features a digital LED display showing both the **Instantaneous Flow Rate** and the **Totalized Flow Amount**. * **Signal Processing:** It includes advanced noise-reduction circuitry to prevent interference from nearby motors or industrial machinery. * **Output Versatility:** * **Control Output:** Used for alarms or triggering valves when specific flow thresholds are reached. * **Analog Output:** Provides a continuous signal for PLC (Programmable Logic Controller) integration to monitor flow trends. * **Enclosure Rating:** The electronics are housed in an **IP67-rated** casing, making it resistant to dust and water immersion. ### 4. Wiring Diagram Concept The FVS-A1-R generally follows standard industrial M12 4-pin wiring: 1. **Brown:** +24V DC 2. **White:** Analog Output (4-20mA) / External Input 3. **Blue:** 0V (GND) 4. **Black:** Control Output (NPN/PNP) ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the FVS-A1-R for high-viscosity liquids?
    • ⤷ What are the common error codes displayed on the FVS-A1-R digital screen?
    • ⤷ Can the FVS-A1-R be used with aggressive chemicals like sulfuric acid?