công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVS-5F-R

  • AI
    ## Technical Overview of FVS-5F-R The **FVS-5F-R** is a high-precision **fiber-optic voltage sensor** typically used in industrial automation, power grid monitoring, and specialized research applications. It is designed to detect voltage levels using optical principles, ensuring high dielectric strength and immunity to electromagnetic interference (EMI). --- ### Core Electronic & Optical Components | Component | Type | Function | | :--- | :--- | :--- | | **Pockels Cell / Crystal** | Electro-optic Element | Changes its refractive index in response to an electric field (voltage). | | **Fiber Optic Cable** | Transmission Medium | Transmits the light signal without electrical conductivity, ensuring safety. | | **Laser Diode / LED** | Light Source | Provides the stable light beam required for the sensing mechanism. | | **Photodetector** | Optical Receiver | Converts the modulated light signal back into an electrical signal for processing. | | **Signal Processor** | Integrated Circuitry | Analyzes the phase shift or intensity change to output a linearized voltage reading. | --- ### Key Technical Specifications The "5F" often denotes specific frequency or safety ratings within the manufacturer's series (likely referencing **Panasonic/SUNX** or specialized power industry vendors). * **Sensing Principle:** Non-contact or high-isolation voltage detection based on the **Pockels Effect**. * **Response Time:** Fast response (typically in microseconds) suitable for detecting surges or transients. * **Isolation:** Extremely high galvanic isolation because the link between the high-voltage point and the readout electronics is purely optical (glass/plastic fiber). * **Input/Output:** * *Input:* High voltage electric field. * *Output:* Analog voltage/current signal or digital communication (RS-485/Modbus). --- ### Internal Circuit Operation 1. **Modulation:** The high voltage creates an electric field across the internal electro-optic crystal. 2. **Polarization Shift:** As light passes through this crystal, its polarization state changes proportionally to the voltage magnitude. 3. **Conversion:** The receiving electronics detect this change via a polarizer and photodiode. 4. **Amplification:** The low-level electrical signal from the photodiode is amplified and filtered to remove noise. 5. **Linearization:** The onboard electronics compensate for temperature fluctuations and non-linear crystal behavior to provide an accurate output. --- ### Applications * **Smart Grids:** Monitoring high-voltage transmission lines. * **Industrial EMI Environments:** Sensing voltage near large motors or plasma generators where traditional copper wires would pick up noise. * **Safety Isolation:** Measuring voltage in systems where the controller must be completely electrically separated from the high-voltage source.
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the FVS-5F-R?
    • ⤷ Does this sensor require an external power supply for the receiver unit?
    • ⤷ How does temperature affect the accuracy of fiber-optic voltage sensors?