FVS-50-R
AI

The **FVS-50-R** typically refers to a **Vibration Sensor** (often associated with industrial automation or specific specialized testing equipment). Below is an explanation of its electronic components, technical specifications, and functional architecture.
---
## 1. Technical Specifications
This device acts as a transducer, converting mechanical kinetic energy (vibrations) into a measurable electrical signal.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Output Type** | Analog Voltage or Current (Relay options available) |
| **Sensing Technology** | Piezoelectric or MEMS Accelerometer |
| **Response Range** | Often tuned for 10Hz to 1kHz |
| **Sensitivity** | 50mV/g (variable based on specific model sub-type) |
| **Enclosure** | Ruggedized Metal (Stainless Steel or Aluminum) |
---
## 2. Key Electronic Components
The internal circuitry of an FVS-50-R generally consists of the following stages:
### A. The Sensing Element
* **Piezoelectric Ceramic:** This is the "heart" of the sensor. When the device vibrates, a seismic mass puts pressure on the ceramic, generating a proportional high-impedance electrical charge.
* **Alternative (MEMS):** Some modern variants use Micro-Electro-Mechanical Systems, which measure changes in capacitance.
### B. Signal Conditioning Circuitry
Because the raw output from a piezo element is very weak and high-impedance, internal electronics include:
* **Charge Amplifier:** Converts the high-impedance charge into a low-impedance voltage signal.
* **Low-Pass/High-Pass Filters:** Removes background electrical noise and mechanical frequencies outside the target range (e.g., 50/60Hz line hum).
### C. Output Driver
* **Buffer Stage:** Ensures the signal can travel through long cables without significant degradation.
* **Reverse Polarity Protection:** Diodes placed at the input to prevent damage if the power supply is connected incorrectly.
---
## 3. Wiring and Integration
Standard industrial vibration sensors like the FVS series usually follow a standardized wiring color code:
```yaml
Pin/Wire Color | Function | Description
---------------|------------------|---------------------------
Brown (BN) | +Vcc | DC Power Supply (12-24V)
Blue (BU) | GND / Common | Ground Reference
Black (BK) | Signal Output | Analog Output (0-5V or 4-20mA)
```
---
## 4. Applications
The electronics are designed to withstand harsh environments for:
* **Motor Health Monitoring:** Detecting bearing failure or shaft misalignment.
* **Fan/Pump Protection:** Automatically shutting down equipment if vibrations exceed a safety threshold.
* **Structural Analysis:** Monitoring resonance in industrial frames.
- ⤷
What is the maximum operating temperature for the FVS-50-R?
- ⤷ Does this sensor provide a digital output or only analog?
- ⤷ How do I calibrate the sensitivity of this vibration sensor?