công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVS-42-R

  • AI
    The **FVS-42-R** typically refers to a high-performance **Fiber Optic Video Splitter** or a related fiber-optic distribution component (often associated with brands like GE or specialized security hardware manufacturers). It is designed to take a single fiber optic video signal and split it for distribution to multiple channels or receivers. --- ### Core Electronic Components and Specifications The device is built using precision opto-electronic components to ensure minimal signal loss. Below are the primary electronic aspects: | Component | Description | Function | | :--- | :--- | :--- | | **Optical Port** | ST/SC Connector Interface | Physical interface for the fiber cable. | | **Splitter Module** | Fused Biconical Taper (FBT) or PLC | Splits the incoming light beam into multiple paths. | | **Wavelength Support** | 850nm / 1310nm / 1550nm | Optimized for multi-mode or single-mode wavelengths. | | **Optical Fiber Type** | Multi-mode (usually) | Designed for short to medium distance high-bandwidth transmission. | --- ### Key Technical Features 1. **Passive vs. Active Design**: * The "R" in many fiber series indicates a **Rack-mount** or **Receiver** configuration. * If it is a passive splitter, it requires no external power, using internal prisms or fused fibers to divide the light. * If it is an active distribution amplifier, it contains a **Photo-Diode (Receiver)** to convert light to electricity, then **Laser Diodes (Transmitters)** to re-broadcast. 2. **Insertion Loss**: * The electronic/optical design is tuned to keep insertion loss low (typically < 3.5dB or < 7dB depending on the split ratio). 3. **Cross-talk Isolation**: * Internal shielding and high-quality optical isolation prevent signal interference between the 4 (or more) output channels. 4. **Signal Integrity**: * Designed for **NTSC, PAL, and SECAM** video standards if used in analog security systems, ensuring the timing and color bursts remain intact after the split. --- ### Common Applications * **Security/CCTV**: Sending one fiber camera feed to four different monitoring stations. * **Broadcast**: Distributing a master video feed across multiple studio locations. * **Traffic Management**: Sharing roadside camera data with various municipal departments.
    ✨ Follow-up Questions
    • ⤷ Is the FVS-42-R a passive or active electronic component?
    • ⤷ What are the specific insertion loss values for this model?
    • ⤷ Can this splitter handle digital signals like HDMI over fiber or only analog video?