AI

The **FVS-40-R** is a high-performance, compact liquid flow sensor designed for industrial and laboratory applications. It is typically used for monitoring flow rates of water or water-like fluids.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The electronic architecture of the FVS-40-R is centered around high-precision sensing and robust signal output.
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Pulse (Square Wave) |
| **Operating Voltage** | 5 to 24 VDC |
| **Current Consumption** | Max 15 mA |
| **Output Voltage (High)** | > 4.5 VDC (at 5V supply) |
| **Output Voltage (Low)** | < 0.5 VDC |
| **Response Time** | < 100 ms |
| **Accuracy** | ±1% to ±2% of Full Scale |
---
### 2. Internal Electronic Components
The FVS-40-R operates on a **Paddle-Wheel (Turbine)** principle combined with magnetic sensing.
#### A. Hall Effect Sensor
* **Function:** The primary electronic component. As the fluid flows, it spins an internal rotor containing magnets.
* **Operation:** The Hall Effect sensor detects the passing magnetic fields and converts them into an electrical frequency.
* **Reliability:** Because it is a non-contact sensing method, the electronic components are isolated from the fluid, reducing wear and corrosion.
#### B. Signal Conditioning Circuitry
* **Schmitt Trigger:** Internally, the raw magnetic signal is often processed through a Schmitt trigger to ensure a clean, "bounceless" square wave output. This prevents false counting caused by mechanical vibrations.
* **Open Collector Output:** Most models feature an NPN open-collector output, which allows the sensor to interface easily with PLCs, Arduinos, or high-speed counters.
#### C. Wiring Configuration
The device typically utilizes a standard 3-wire system:
1. **Red (VCC):** Positive power supply (5-24V).
2. **Black (GND):** Ground reference.
3. **White/Yellow (Signal):** Pulse output.
---
### 3. Electronic Integration Logic
To calculate the flow rate using the electronic pulses, the following formula is used:
```cpp
// General logic for calculating flow rate (L/min)
Flow_Rate = Pulse_Frequency / K_Factor;
```
* **Pulse Frequency:** The number of pulses detected per second (Hz).
* **K-Factor:** A constant value provided by the manufacturer (pulses per liter) unique to the FVS-40-R's internal geometry.
---
### 4. Safety and Protection Features
* **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly.
* **IP Rating:** Usually rated **IP65 or higher**, meaning the electronic housing is protected against dust and water jets.
* **EMC Compatibility:** Designed to resist electromagnetic interference common in industrial environments.
- ⤷What is the specific K-Factor for the FVS-40-R model?
- ⤷ How do I wire an NPN open-collector output to a 24V PLC?
- ⤷ What is the maximum pressure rating for this flow sensor?