FVS-16F-R
AI

The **FVS-16F-R** is a specific electronic component, primarily recognized as a **Vertical Surface Mount (SMT) Type FFC/FPC Connector**. It is designed to facilitate the connection between a Flexible Printed Circuit (FPC) or Flexible Flat Cable (FFC) and a main PCB.
---
## 1. Core Technical Specifications
The "16" in the part number typically denotes the number of positions (pins). Below are the common specifications for this series:
| Parameter | Specification |
| :--- | :--- |
| **Number of Contacts** | 16 Pins |
| **Pitch (Spacing)** | 0.5mm or 1.0mm (Variable by manufacturer, usually 0.5mm) |
| **Mounting Orientation** | Vertical (Straight) |
| **Mounting Type** | Surface Mount (SMT) |
| **Actuator Type** | Non-ZIF or Flip-lock (Depends on exact sub-series) |
| **Current Rating** | ~0.5A AC/DC |
| **Voltage Rating** | 50V AC/DC |
---
## 2. Key Electronic Features
### A. Material Composition
* **Insulator:** High-temperature thermoplastic (usually LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering temperatures.
* **Contacts:** Phosphor bronze, typically plated with **Tin** or **Gold** over Nickel to prevent oxidation and ensure low contact resistance.
* **Solder Tabs:** Reinforcement brackets (ears) located at the sides to provide mechanical stability to the PCB, preventing the connector from being torn off during cable insertion.
### B. Contact Orientation
In a vertical connector like the FVS-16F-R, the cable is inserted from the top, perpendicular to the PCB. This is ideal for designs with limited horizontal space but sufficient vertical clearance.
### C. Electrical Integrity
* **Contact Resistance:** Generally below 30mΩ.
* **Dielectric Withstanding Voltage:** Typically 500V AC for one minute.
* **Insulation Resistance:** Minimum 500MΩ.
---
## 3. Common Applications
Due to its small footprint and 16-pin density, this part is frequently found in:
1. **Consumer Electronics:** Mobile phones, tablets, and handheld gaming consoles.
2. **Display Modules:** Connecting LCD/LED screens to the motherboard.
3. **Industrial Controls:** Interfacing membrane keypads or small sensory arrays.
4. **Medical Devices:** Compact diagnostic equipment where internal wiring must be minimized.
---
## 4. Soldering & Handling
Because this is an **SMT (Surface Mount Technology)** part, it is usually delivered in "Tape and Reel" packaging for automated Pick-and-Place machines.
```yaml
Soldering_Profile:
Process: Lead-free Reflow
Peak_Temperature: 260°C
Duration: 5-10 seconds at peak
```
- ⤷
What is the exact pitch measurement for the FVS-16F-R version you are using?
- ⤷ Does this connector feature a ZIF (Zero Insertion Force) locking mechanism?
- ⤷ What are the recommended PCB land pattern dimensions for this 16-pin connector?