công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVF-Z4-R

  • AI
    The **FVF-Z4-R** is a specific model of an **Industrial Fuse Holder**, typically used in rail transport, power distribution, and heavy industrial machinery. It is designed to house and protect fuses that safeguard electrical circuits from overcurrent or short-circuit conditions. --- ### ## Technical Specifications Overview The FVF-Z4-R is categorized as a modular fuse base. Below are the primary electronic and mechanical characteristics: | Property | Description / Value | | :--- | :--- | | **Component Type** | Fuse Base / Holder | | **Fuse Compatibility** | Square body or cylindrical fuses (depending on specific adapter) | | **Rated Voltage** | Typically up to 1000V - 1500V DC/AC | | **Rated Current** | High-amperage capacity (varies by fuse installed) | | **Mounting Type** | DIN Rail or Screw Mounting | | **Material** | Thermoplastic (V0 Flammability rating) | --- ### ### Key Electronic Functions 1. **Circuit Protection:** It acts as the physical interface between the power source and the load, ensuring that if a current surge occurs, the fuse blows within the holder to prevent damage to expensive downstream components. 2. **Contact Resistance Management:** These holders are engineered with high-conductivity silver-plated or tin-plated copper contacts to minimize voltage drops and heat generation. 3. **Insulation and Dielectric Strength:** The housing is made of high-grade insulating materials to prevent electrical arcing between phases or to the chassis (ground). --- ### ### Typical Application Areas * **Railway Systems:** Used in traction power supplies and onboard auxiliary circuits. * **Renewable Energy:** Integrated into solar combiner boxes or wind turbine control panels. * **Industrial Automation:** Protection for large motor drives and power converters. --- ### ### Installation Features * **Modular Design:** Often allows for side-by-side mounting to create multi-pole protection blocks. * **Safety Indicators:** Some variations include micro-switches or "blown fuse" indicators to signal maintenance teams when a fault occurs. * **Vibration Resistance:** Designed to withstand the mechanical shocks typical of railway environments (EN 61373 standards).
    ✨ Follow-up Questions
    • ⤷ What are the specific fuse dimensions compatible with the FVF-Z4-R?
    • ⤷ Does this model support remote monitoring via micro-switches?
    • ⤷ What is the maximum operating temperature for this fuse holder?