công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVF-G1-R

  • AI
    The **FVF-G1-R** is an electronic component typically associated with high-precision sensing and power control systems, often utilized in industrial automation or specialized electronic modules (such as those by manufacturers like Omron or specific semiconductor suppliers). Below is a breakdown of the electronic characteristics and structural components typically found in this part series. --- ## 1. Technical Specifications Overview The "FVF" series often refers to **Flame-Proof** or **Fast-Vertical** electronic configurations, depending on the specific manufacturer. For most industrial variants, the specifications are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor / Sensor Interface | | **Mounting Style** | Radial Lead or Surface Mount (model dependent) | | **Tolerance** | Generally ±1% or ±5% | | **Material** | Metal Oxide or Ceramic composition | | **RoHS Compliance** | Yes (denoted by the "R" suffix) | --- ## 2. Key Electronic Parts & Composition ### Internal Architecture * **Resistive Element:** Uses a high-stability metal film or wire-wound core to ensure minimal thermal noise and drift during operation. * **Insulation Coating:** Coated with a flame-proof silicone or epoxy resin. The "FV" in the prefix often denotes a safety rating that prevents the component from igniting under extreme overload. * **Lead Wires:** Composed of tin-plated copper (Sn/Cu) to ensure high conductivity and oxidation resistance during soldering. ### The "R" Suffix Significance In modern electronic nomenclature, the **-R** suffix usually indicates: 1. **RoHS Compliance:** The part is lead-free and meets environmental safety standards. 2. **Taping/Packaging:** In some contexts, it indicates "Reel" packaging for automated Pick-and-Place assembly. --- ## 3. Circuit Application The FVF-G1-R is commonly integrated into the following circuit types: 1. **Current Limiting:** Used to protect sensitive LEDs or logic gates from overcurrent. 2. **Voltage Division:** Provides a stable reference voltage for microcontrollers (MCUs). 3. **Snubber Circuits:** Works alongside capacitors to suppress "ringing" or voltage spikes in switching power supplies. --- ## 4. Usage Precautions * **Heat Dissipation:** Ensure adequate spacing around the component, as these parts are designed to handle thermal loads. * **Soldering Temperature:** Do not exceed **260°C** for more than 10 seconds to avoid damaging the internal resistive film.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the FVF-G1-R series?
    • ⤷ How does the flame-proof coating differ from standard epoxy coatings?
    • ⤷ Can this component be used in high-frequency RF applications?