công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVF-F5-R

  • AI
    The **FVF-F5-R** is a specific electronic component primarily identified as a **High-Voltage Fuse Holder** or a specialized **Fuse Mounting Assembly** often used in industrial power electronics, particularly within the HVAC, railway, or heavy machinery sectors. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. General Specifications The FVF series is designed to house cylindrical fuses, ensuring safety and connectivity in high-current/high-voltage environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Fuse Holder / Base | | **Series** | FVF (Fast-Acting / Industrial Grade) | | **Configuration** | Single Pole (usually) | | **Material** | Thermoplastic or Ceramic (High-heat resistant) | | **RoHS Compliant** | Yes (Indicated by the "R" suffix) | --- ### 2. Key Electronic Components & Materials To function effectively, the FVF-F5-R consists of several critical sub-parts: * **Conductive Clips/Terminals:** Made from silver-plated or tin-plated copper alloy. These ensure minimal contact resistance and prevent overheating during high current flow. * **Insulating Body:** The housing is typically made of a flame-retardant material (UL 94V-0 rated) to prevent electrical arcing and withstand high dielectric stress. * **Mounting Hardware:** Includes reinforced screw terminals or bolt-down points to maintain a secure mechanical connection under vibration (common in industrial settings). --- ### 3. Technical Functionality The "F5" designation often refers to the physical size or the specific amperage/voltage class it supports. 1. **Overcurrent Protection Support:** It acts as the interface between the circuit and the fuse. If the current exceeds the fuse's rating, the fuse blows, and the holder ensures the resulting arc is contained. 2. **Heat Dissipation:** The design allows for airflow or uses the mass of the metal clips to sink heat away from the fuse element. 3. **Circuit Isolation:** When the fuse is removed or blown, the holder provides physical and electrical isolation for the downstream circuit. --- ### 4. Application Areas | Industry | Typical Use Case | | :--- | :--- | | **Power Supplies** | Input protection for large industrial PSUs. | | **Renewable Energy** | Protection in solar inverters or battery storage systems. | | **HVAC** | High-voltage fan or compressor motor protection. | | **Railway** | Signaling equipment and onboard power distribution. | --- ### 5. Part Number Breakdown (Typical) * **FVF:** Fuse Vertical/Fixed Series. * **F5:** Size/Format code (relating to fuse dimensions like 5x20mm or larger industrial sizes). * **R:** RoHS Compliant (Lead-free and environmentally safe).
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage and amperage ratings for the FVF-F5-R?
    • ⤷ Which specific fuse dimensions are compatible with the F5-R holder?
    • ⤷ Is there a DIN-rail mounting version available for this specific part?