FVF-D5-R
AI

The **FVF-D5-R** refers to a specific series of high-performance centrifugal pumps, commonly associated with the **Alphacool VPP655/D5** or **Xylem/Laing D5** core. These are widely used in industrial cooling, medical equipment, and high-end liquid cooling systems for electronics.
Below is a breakdown of the electronic components and technical specifications.
---
### 1. Core Electronic Specifications
The heart of the FVF-D5-R is a **spherical motor** design. Unlike traditional pumps with a shaft, this uses a ceramic ball bearing.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 8V - 24V DC (Standard 12V) |
| **Power Consumption** | Up to 37W (Max) |
| **Current Draw** | Approx. 0.25A - 1.9A |
| **Signal Interface** | 4-Pin PWM or Manual Potentiometer |
| **Starting Voltage** | ~9V DC |
---
### 2. Key Internal Electronic Components
#### A. Brushless DC (BLDC) Controller
The pump utilizes an integrated PCB that drives a brushless motor. This eliminates friction from brushes, increasing lifespan to over 50,000 hours. The controller manages:
* **Phase Switching:** Timing the electromagnetic pulses to the stator.
* **Soft Start:** Gradually increasing power to prevent electrical spikes.
#### B. The Potentiometer (Manual Control)
In the "R" (Retention/Variable) version, a small dial on the back allows for manual speed adjustment.
* **Level 1:** ~1800 RPM
* **Level 5:** ~4800 RPM
#### C. Tachometer / Feedback Loop
The electronics include a frequency generator that sends a pulse signal (usually 2 pulses per revolution) to the motherboard or controller. This allows the system to monitor if the pump has failed or is stalled.
---
### 3. Connection Pinout
The FVF-D5-R typically features a split wiring harness to separate high-current power from low-voltage signals.
| Connection Type | Purpose | Description |
| :--- | :--- | :--- |
| **Molex / SATA** | **Power** | 12V and Ground (Primary current source). |
| **4-Pin Header** | **Signal** | **Blue:** PWM Input; **Green:** Tachometer (RPM) output. |
---
### 4. Protective Circuitry
The onboard electronics are designed with several safety layers:
1. **Reverse Polarity Protection:** Prevents damage if the power leads are swapped.
2. **Dry Run Protection:** Some variants feature sensors or logic to detect high heat/low resistance to prevent the motor from burning out without fluid.
3. **Over-voltage Protection:** Safely handles fluctuations up to 24V (though heat increases significantly above 12V).
- ⤷
What are the main differences between the PWM and Vario versions of this pump?
- ⤷ How does the spherical motor design improve electronic reliability compared to shaft-based pumps?
- ⤷ What is the maximum head pressure this electronic motor can generate?