công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FVF-CF-R/Q

  • AI
    Based on the part number **FVF-CF-R/Q**, this typically refers to a specialized **Fan Filter Unit (FFU)** control system or a component within a cleanroom filtration assembly (often associated with brands like Panasonic or specialized HVAC electronics). Below is a breakdown of the electronic and structural characteristics of this series. --- ### 1. General Specifications The "FVF" series generally represents fan systems designed for high-efficiency air filtration. The R/Q suffixes often denote specific control logic or physical orientations (e.g., Remote or Quick-connect). | Feature | Specification Detail | | :--- | :--- | | **Motor Type** | High-efficiency Brushless DC (BLDC) | | **Input Voltage** | Typically 200V - 240V AC (Single Phase) | | **Control Signal** | 0-10V DC or PWM (Pulse Width Modulation) | | **Filter Compatibility** | HEPA / ULPA | | **Communication** | Modbus RTU (RS485) optional in some variants | --- ### 2. Key Electronic Components #### A. The BLDC Motor Driver The core electronic part is the **Integrated Motor Controller**. Unlike standard AC fans, the FVF-CF-R/Q uses an electronic commutation board that: - Converts AC input to DC. - Monitors RPM (Revolutions Per Minute) to maintain constant airflow as the filter becomes clogged. - Provides thermal protection and over-current sensing. #### B. Control Interface (The "R/Q" Logic) The "R" and "Q" designations often refer to the electronic interface board: - **R (Remote/Relay):** Includes terminals for remote monitoring of error states and ON/OFF control via a central BMS (Building Management System). - **Q (Quick Connect/Sensor):** Often includes a pressure differential sensor interface to notify the user when the filter resistance is too high. #### C. EMI/EMC Filtering Because these are used in sensitive environments (like semiconductor labs), the internal PCB contains: - **Line Filters:** To prevent electromagnetic interference from leaking back into the power grid. - **Surge Protectors:** To protect the logic board from voltage spikes. --- ### 3. Wiring Diagram Concept The typical electronic connection for this unit involves five primary leads or terminals: | Terminal | Function | Description | | :--- | :--- | :--- | | **L / N / PE** | Power Supply | Main AC Power Input | | **VSP / PWM** | Speed Control | Input signal (0-10V) to set fan speed | | **FG** | Frequency Generator | Output signal to monitor actual RPM | | **ALM** | Alarm | Closed-loop circuit that opens upon failure | --- ### 4. Application Context These electronic parts are designed for **Constant Air Volume (CAV)** applications. As the HEPA filter collects dust, the internal electronics sense the increased resistance and automatically increase the motor torque to ensure the cleanroom maintains the required ISO class. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R and Q versions?
    • ⤷ How do I troubleshoot an 'ALM' signal on this unit?
    • ⤷ Can this unit be controlled via a PLC using Modbus?