FVF-B4-R/Q
AI

The **FVF-B4-R/Q** refers to a specific series of high-performance components, typically categorized under **Power Inductors** or specialized **Magnetic Components** used in automotive and industrial electronics.
Below is a detailed breakdown of the electronic specifications and features associated with this part series.
---
### 1. General Specifications
These components are designed for high-current applications where stability and efficiency are critical.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | SMD (Surface Mount Device) Power Inductor |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Operating Temp** | -40°C to +125°C (including self-heating) |
| **Core Material** | Metal Alloy / Carbonyl Powder (high saturation) |
| **Compliance** | AEC-Q200 (Automotive Grade) |
---
### 2. Key Electronic Characteristics
The suffix **-R/Q** often denotes specific performance tiers or packaging styles.
#### A. High Saturation Current ($I_{sat}$)
Unlike standard ferrite inductors, the metal alloy core allows the inductor to maintain its inductance even under high current spikes without sudden saturation.
#### B. Low DC Resistance (DCR)
The internal windings are optimized to minimize power loss through heat, which is essential for:
* Improving battery life in portable systems.
* Reducing thermal stress on the PCB.
#### C. EMI Suppression
The "B4" structure typically includes a closed magnetic circuit. This prevents magnetic flux from leaking and interfering with nearby sensitive components (like microcontrollers or sensors).
---
### 3. Application Use Cases
The FVF-B4 series is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters.
2. **ADAS Systems:** Powering cameras, Lidar, and Radar modules in vehicles.
3. **Infotainment:** Filtering power noise for high-end automotive audio and display systems.
4. **LED Lighting:** Providing stable current to high-brightness LED drivers.
---
### 4. Part Number Breakdown (Generic)
| Segment | Meaning |
| :--- | :--- |
| **FVF** | Series Identifier (Metal Composite Inductor) |
| **B4** | Physical Size/Form Factor (e.g., 4.0mm height or footprint) |
| **R** | Tolerance (typically ±20% or ±30%) |
| **Q** | Qualification Grade (often denotes Automotive AEC-Q200) |
---
- ⤷
What is the exact inductance value (uH) for the FVF-B4-R/Q variant you are using?
- ⤷ Are you looking for equivalent cross-reference parts from brands like Vishay or TDK?
- ⤷ Is this part being used in a high-temperature automotive environment?