FVF-B0-R/Q
AI

The **FVF-B0-R/Q** series refers to specific electronic components typically associated with high-precision **Potentiometers** or **Position Sensors**, often manufactured by companies like **Copalelectronics (Nidec)** or similar precision component vendors. These are frequently used in industrial control systems.
---
### 1. Component Overview
These parts are generally categorized as **Cermet Trimmers** or **Conductive Plastic Potentiometers**. The suffixes (R/Q) often denote specific mechanical configurations or electrical tolerances.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Variable Resistor / Rotary Potentiometer |
| **Technology** | Conductive Plastic or Cermet |
| **Mounting** | Panel Mount or PCB Through-hole |
| **Rotation Angle** | Usually 360° Continuous or 300° Effective |
| **Termination** | Solder Lugs or PC Pins |
---
### 2. Breakdown of the Model Code
While specific manufacturer datasheets vary slightly, the nomenclature generally follows this logic:
* **FVF:** Series designation (High reliability, long life).
* **B0:** Specific frame size or physical housing dimension.
* **R:** Often denotes **Resistance** characteristics or a **Right-angle** terminal orientation.
* **Q:** Often indicates a specific **Quality** grade or a variation in the shaft/bushing shape (e.g., slotted vs. round).
---
### 3. Key Electronic Characteristics
The electronic performance of these parts is defined by several critical parameters:
#### A. Resistance Range
Typically available from **1kΩ to 100kΩ**. The "R" value in the part number usually points to the specific resistance law (Linear vs. Logarithmic).
#### B. Linearity
These parts are valued for their **Independent Linearity**, which ensures that the output voltage is directly proportional to the shaft angle with very low error (often $\pm$1% or less).
#### C. Power Rating
Usually rated between **0.2W and 0.5W** at 70°C. They are signal-level components, not intended for high-power load regulation.
---
### 4. Typical Applications
* **Industrial Joysticks:** For movement detection in cranes or heavy machinery.
* **Servo Feedbacks:** Providing position data in closed-loop motor systems.
* **Medical Equipment:** Precision adjustment dials on imaging or life-support machines.
* **Test & Measurement:** Calibration offsets in laboratory instruments.
---
### 5. Maintenance and Reliability
Because these are "Contact" electronic parts (a wiper moves across a resistive element), they have a finite lifespan:
* **Rotational Life:** Typically 2 million to 10 million cycles.
* **Environmental Protection:** Often sealed to IP65 or IP67 to prevent dust and moisture ingress into the electronic track.
---
- ⤷
What is the specific resistance value for the R suffix in this series?
- ⤷ Can this component be used as a voltage divider in a 24V industrial circuit?
- ⤷ What are the mechanical mounting dimensions for the B0 frame size?