FVF-61-R
AI

The **FVF-61-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Fuse** or a **Fuse Holder/Clip** assembly, often associated with the **Bussmann (Eaton)** or similar industrial electronic lines. It is designed for high-reliability circuit protection in compact electronic assemblies.
---
## 1. Technical Specifications
The "FVF" series generally refers to high-speed or fast-acting fuses. Below are the typical characteristics associated with this part number:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Fast-Acting / Very Fast-Acting |
| **Mounting Type** | Surface Mount (SMT) / PCB Mount |
| **Current Rating** | Dependent on specific sub-variant (e.g., 1A to 15A) |
| **Voltage Rating** | Often 32V - 125V DC/AC |
| **Termination Style** | Radial or Surface Mount Pads |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
---
## 2. Key Electronic Components & Materials
The FVF-61-R is constructed using several specific electronic materials to ensure safety and precision:
1. **Fuse Element:** Usually a thin wire or metal film (silver, copper, or alloy) designed to melt at a precise thermal threshold.
2. **Ceramic or Glass Body:** Provides the structural integrity and high insulation resistance needed to prevent arcing after the fuse blows.
3. **End Caps/Terminals:** Tin-plated or gold-plated copper alloy for optimal conductivity and solderability on Printed Circuit Boards (PCBs).
4. **Arc Quenching Material:** In some versions, the internal cavity is filled with silica sand or a specialized gas to extinguish the electrical arc during a fault.
---
## 3. Applications and Usage
This part is commonly found in sensitive electronic environments where "overcurrent" protection is critical:
* **Power Supplies:** Protecting DC-DC converters from internal shorts.
* **Battery Management Systems (BMS):** Preventing thermal runaway in lithium-ion packs.
* **Consumer Electronics:** Used in laptops, monitors, and gaming consoles.
* **Industrial Controls:** Protecting PLCs (Programmable Logic Controllers) from surge damage.
---
## 4. Part Number Breakdown
* **FVF:** Series designation (Fast-acting Vacuum/Vertical Fuse type).
* **61:** Physical size or specific amperage/voltage coding.
* **R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free.
---
- ⤷
What is the maximum breaking capacity of the FVF-61-R?
- ⤷ Can this fuse be used in AC high-voltage applications?
- ⤷ What are the recommended soldering profiles for this SMT component?